Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 106 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 106 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 102Page - STMicroelectronics LSM6DSMTR Datasheet HTML 103Page - STMicroelectronics LSM6DSMTR Datasheet HTML 104Page - STMicroelectronics LSM6DSMTR Datasheet HTML 105Page - STMicroelectronics LSM6DSMTR Datasheet HTML 106Page - STMicroelectronics LSM6DSMTR Datasheet HTML 107Page - STMicroelectronics LSM6DSMTR Datasheet HTML 108Page - STMicroelectronics LSM6DSMTR Datasheet HTML 109Page - STMicroelectronics LSM6DSMTR Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 113 page
background image
Embedded functions registers description
LSM6DSM
106/113
DocID028165 Rev 2
12.26
MAG_SI_ZZ (2Ch)
Soft-iron matrix correction register (r/w).
12.27
MAG_OFFX_L (2Dh)
Offset for X-axis hard-iron compensation register (r/w). The value is expressed as a 16-bit
word in two’s complement.
12.28
MAG_OFFX_H (2Eh)
Offset for X-axis hard-iron compensation register (r/w).The value is expressed as a 16-bit
word in two’s complement.
12.29
MAG_OFFY_L (2Fh)
Offset for Y-axis hard-iron compensation register (r/w). The value is expressed as a 16-bit
word in two’s complement.
Table 282. MAG_SI_ZZ register
MAG_SI_
ZZ_7
MAG_SI_
ZZ_6
MAG_SI_
ZZ_5
MAG_SI_
ZZ_4
MAG_SI_
ZZ_3
MAG_SI_
ZZ_2
MAG_SI_
ZZ_1
MAG_SI_
ZZ_0
Table 283. MAG_SI_ZZ register description
MAG_SI_ZZ_[7:0]
Soft-iron correction row3 col3 coefficient(1). Default value: 00001000
1. Value is expressed in sign-module format.
Table 284. MAG_OFFX_L register
MAG_OFF
X_L_7
MAG_OFF
X_L_6
MAG_OFF
X_L_5
MAG_OFF
X_L_4
MAG_OFF
X_L_3
MAG_OFF
X_L_2
MAG_OFF
X_L_1
MAG_OFF
X_L_0
Table 285. MAG_OFFX_L register description
MAG_OFFX_L_[7:0]
Offset for X-axis hard-iron compensation. Default value: 00000000
Table 286. MAG_OFFX_H register
MAG_OFF
X_H_7
MAG_OFF
X_H_6
MAG_OFF
X_H_5
MAG_OFF
X_H_4
MAG_OFF
X_H_3
MAG_OFF
X_H_2
MAG_OFF
X_H_1
MAG_OFF
X_H_0
Table 287. MAG_OFFX_L register description
MAG_OFFX_H_[7:0] Offset for X-axis hard-iron compensation. Default value: 00000000
Table 288. MAG_OFFY_L register
MAG_OFF
Y_L_7
MAG_OFF
Y_L_6
MAG_OFF
Y_L_5
MAG_OFF
Y_L_4
MAG_OFF
Y_L_3
MAG_OFF
Y_L_2
MAG_OFF
Y_L_1
MAG_OFF
Y_L_0
Table 289. MAG_OFFY_L register description
MAG_OFFY_L_[7:0]
Offset for Y-axis hard-iron compensation. Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com