Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 60 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 60 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 56Page - STMicroelectronics VL6180X Datasheet HTML 57Page - STMicroelectronics VL6180X Datasheet HTML 58Page - STMicroelectronics VL6180X Datasheet HTML 59Page - STMicroelectronics VL6180X Datasheet HTML 60Page - STMicroelectronics VL6180X Datasheet HTML 61Page - STMicroelectronics VL6180X Datasheet HTML 62Page - STMicroelectronics VL6180X Datasheet HTML 63Page - STMicroelectronics VL6180X Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
Device registers
VL6180X
60/79
DocID026171 Rev 6
6.2.37
RESULT__RANGE_STATUS
Address:
0x04D
Type:
R
Reset:
0x1
Description:
7
654
321
0
RR
R
R
R
[7:4]
result__range_error_code: Specific error codes
0000: No error
0001: VCSEL Continuity Test
0010: VCSEL Watchdog Test
0011: VCSEL Watchdog
0100: PLL1 Lock
0101: PLL2 Lock
0110: Early Convergence Estimate
0111: Max Convergence
1000: No Target Ignore
1001: Not used
1010: Not used
1011: Max Signal To Noise Ratio
1100: Raw Ranging Algo Underflow
1101: Raw Ranging Algo Overflow
1110: Ranging Algo Underflow
1111: Ranging Algo Overflow
[3]
result__range_min_threshold_hit: Legacy register - DO NOT USE
Use instead 6.2.39: RESULT__INTERRUPT_STATUS_GPIO
[2]
result__range_max_threshold_hit: Legacy register - DO NOT USE
Use instead 6.2.39: RESULT__INTERRUPT_STATUS_GPIO
[1]
result__range_measurement_ready: Legacy register - DO NOT USE
Use instead 6.2.39: RESULT__INTERRUPT_STATUS_GPIO
[0]
result__range_device_ready: Device Ready. When set to 1, indicates the device mode and
configuration can be changed and a new start command will be accepted. When 0, indicates
the device is busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com