Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 63 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 63 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 59Page - STMicroelectronics VL6180X Datasheet HTML 60Page - STMicroelectronics VL6180X Datasheet HTML 61Page - STMicroelectronics VL6180X Datasheet HTML 62Page - STMicroelectronics VL6180X Datasheet HTML 63Page - STMicroelectronics VL6180X Datasheet HTML 64Page - STMicroelectronics VL6180X Datasheet HTML 65Page - STMicroelectronics VL6180X Datasheet HTML 66Page - STMicroelectronics VL6180X Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
DocID026171 Rev 6
63/79
VL6180X
Device registers
78
6.2.41
RESULT__HISTORY_BUFFER_x
Address:
0x052 + x * 0x2 (x=0 to 7)
Type:
R
Reset:
0x0
Description:
See also 6.2.11: SYSTEM__HISTORY_CTRL
15
14
13
12
11
10
9
87654321
0
RESULT__HISTOR
Y_BUFFER_0
result__history_buffer_0
RESULT__HISTOR
Y_BUFFER_1
result__history_buffer_1
RESULT__HISTOR
Y_BUFFER_2
result__history_buffer_2
RESULT__HISTOR
Y_BUFFER_3
result__history_buffer_3
RESULT__HISTOR
Y_BUFFER_4
result__history_buffer_4
RESULT__HISTOR
Y_BUFFER_5
result__history_buffer_5
RESULT__HISTOR
Y_BUFFER_6
result__history_buffer_6
RESULT__HISTOR
Y_BUFFER_7
result__history_buffer_7
R
RESULT__HISTOR
Y_BUFFER_0:
[15:0]
result__history_buffer_0: Range/ALS result value.
Range mode; Bits[15:8] range_val_latest; Bits[7:0] range_val_d1;
ALS mode; Bits[15:0] als_val_latest
RESULT__HISTOR
Y_BUFFER_1:
[15:0]
result__history_buffer_1: Range/ALS result value.
Range mode; Bits[15:8] range_val_d2; Bits[7:0] range_val_d3;
ALS mode; Bits[15:0] als_val_d1
RESULT__HISTOR
Y_BUFFER_2:
[15:0]
result__history_buffer_2: Range/ALS result value.
Range mode; Bits[15:8] range_val_d4; Bits[7:0] range_val_d5;
ALS mode; Bits[15:0] als_val_d2
RESULT__HISTOR
Y_BUFFER_3:
[15:0]
result__history_buffer_3: Range/ALS result value.
Range mode; Bits[15:8] range_val_d6; Bits[7:0] range_val_d7;
ALS mode; Bits[15:0] als_val_d3
RESULT__HISTOR
Y_BUFFER_4:
[15:0]
result__history_buffer_4: Range/ALS result value.
Range mode; Bits[15:8] range_val_d8; Bits[7:0] range_val_d9;
ALS mode; Bits[15:0] als_val_d4
RESULT__HISTOR
Y_BUFFER_5:
[15:0]
result__history_buffer_5: Range/ALS result value.
Range mode; Bits[15:8] range_val_d10; Bits[7:0] range_val_d11;
ALS mode; Bits[15:0] als_val_d5
RESULT__HISTOR
Y_BUFFER_6:
[15:0]
result__history_buffer_6: Range/ALS result value.
Range mode; Bits[15:8] range_val_d12; Bits[7:0] range_val_d13;
ALS mode; Bits[15:0] als_val_d6
RESULT__HISTOR
Y_BUFFER_7:
[15:0]
result__history_buffer_7: Range/ALS result value.
Range mode; Bits[15:8] range_val_d14; Bits[7:0] range_val_d15;
ALS mode; Bits[15:0] als_val_d7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com