Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 29 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 25Page - STMicroelectronics VL6180X Datasheet HTML 26Page - STMicroelectronics VL6180X Datasheet HTML 27Page - STMicroelectronics VL6180X Datasheet HTML 28Page - STMicroelectronics VL6180X Datasheet HTML 29Page - STMicroelectronics VL6180X Datasheet HTML 30Page - STMicroelectronics VL6180X Datasheet HTML 31Page - STMicroelectronics VL6180X Datasheet HTML 32Page - STMicroelectronics VL6180X Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
DocID026171 Rev 6
29/79
VL6180X
Functional description
78
2.12.5
Cross-talk limit
A practical limit for cross-talk is < 3.0 Mcps. This is based on two factors:
1.
The return rate for a 3% reflective target at 100 mm without glass is typically around 1.5
Mcps. If glass is added with a cross-talk of 3.0 Mcps, the resultant return rate will be 4.5
Mcps. This results in a cross-talk correction factor of x3 so for a 100 mm target the raw
range will be in the region of 30 mm. To ensure the
SYSRANGE__CROSSTALK_VALID_HEIGHT
restriction is not breached, the minimum
raw range allowing for noise margin is around 30 mm.
2.
A cross-talk correction factor of x3 also means that any range noise will be multiplied
by 3 so noise also becomes a limiting factor.
2.12.6
Cross-talk vs air gap
Figure 18 shows the typical cross-talk vs air gap using ST cover glass with oval aperture.
Above 2.5 mm, the cross-talk rises rapidly.
Figure 18. Cross-talk vs air gap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com