Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 32 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 28Page - STMicroelectronics VL6180X Datasheet HTML 29Page - STMicroelectronics VL6180X Datasheet HTML 30Page - STMicroelectronics VL6180X Datasheet HTML 31Page - STMicroelectronics VL6180X Datasheet HTML 32Page - STMicroelectronics VL6180X Datasheet HTML 33Page - STMicroelectronics VL6180X Datasheet HTML 34Page - STMicroelectronics VL6180X Datasheet HTML 35Page - STMicroelectronics VL6180X Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
Functional description
VL6180X
32/79
DocID026171 Rev 6
2.13.5
Integration period
The integration period is the time over which a single ALS measurement is made. The
default integration period is 100ms. Integration times in the range 50-100 ms are
recommended to reduce impact of light flicker from artificial lighting.
2.13.6
ALS gain selection
Eight analog gain settings are available which can be selected manually depending on the
range and resolution required. Table 14.shows the actual characterized gains versus the
design targets. If a gain setting other than gain 20 is used, marginally greater accuracy can
be achieved by using the actual gain values in the light level equation in Section 2.13.4
when calculating the lux light level.
Table 14. Actual gain values
Note:
The upper nibble of SYSALS__ANALOGUE_GAIN should always be set to 0x4.
Register setting {0x3F}
Analog gain setting
Actual gain values
0x46
1
1.01
0x45
1.25
1.28
0x44
1.67
1.72
0x43
2.5
2.60
0x42
5
5.21
0x41
10
10.32
0x40
20
20
0x47
40
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com