Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 28 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 24Page - STMicroelectronics VL6180X Datasheet HTML 25Page - STMicroelectronics VL6180X Datasheet HTML 26Page - STMicroelectronics VL6180X Datasheet HTML 27Page - STMicroelectronics VL6180X Datasheet HTML 28Page - STMicroelectronics VL6180X Datasheet HTML 29Page - STMicroelectronics VL6180X Datasheet HTML 30Page - STMicroelectronics VL6180X Datasheet HTML 31Page - STMicroelectronics VL6180X Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
Functional description
VL6180X
28/79
DocID026171 Rev 6
1.
Position a white target (88% reflectance(g)) at a distance of 50 mm from the top of the
cover glass.
2.
Perform a minimum of 10 range measurements and compute the average range (from
RESULT__RANGE_VAL{0x62}
).
3.
If the average range is within the 50
± 3 mm, offset calibration is not required.
Otherwise, complete this calibration procedure.
4.
Set SYSRANGE__PART_TO_PART_RANGE_OFFSET{0x24} = 0.
5.
Perform a minimum of 10 range measurements and compute the average range (from
RESULT__RANGE_VAL{0x62}
).
6.
Calculate the part-to-part offset as follows:
7.
Write the part-to-part offset result (in two’s complement notation) to
SYSRANGE__PART_TO_PART_RANGE_OFFSET
.
2.12.4
Cross-talk calibration procedure
This section describes a procedure for calibrating system cross-talk.
1.
Perform offset calibration if required (see Section 2.12.3).
Note:
If the offset is incorrectly calibrated, cross-talk calibration will be inaccurate.
2.
Position a black target (3% reflectance(h)) at a distance of 100 mm from the top of the
cover glass.
3.
Ensure SYSRANGE__CROSSTALK_COMPENSATION_RATE{0x1E} = 0.
4.
Perform a minimum of 10 range measurements and compute the average return rate
(from RESULT__RANGE_RETURN_RATE{0x66}) and the average range (from
RESULT__RANGE_VAL{0x62}
).
5.
Calculate the cross-talk factor as follows:
6.
Write the cross-talk result in 9.7 format to
SYSRANGE__CROSSTALK_COMPENSATION_RATE
.
For example, cross-talk = 0.4 Mcps => 0.4 x 128 = 51.2. Write 51 to
SYSRANGE__CROSSTALK_COMPENSATION_RATE.
Note:
Cross-talk compensation is only applied to targets above 20 mm. This is to ensure that
cross-talk correction is not applied to near targets where the signal rate is decreasing. The
cross-talk height qualifier is defined in register
SYSRANGE__CROSSTALK_VALID_HEIGHT{0x21}
. The default is 20 mm.
g.
Target reflectance should be high but absolute value is not critical.
part-to-part offset
50 mm
average range
=
h.
Target reflectance should be low but absolute value is not critical.
cross-talk (in Mcps)
average return rate
1
average range
100 mm
--------------------------------------


×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com