Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 33 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 29Page - STMicroelectronics VL6180X Datasheet HTML 30Page - STMicroelectronics VL6180X Datasheet HTML 31Page - STMicroelectronics VL6180X Datasheet HTML 32Page - STMicroelectronics VL6180X Datasheet HTML 33Page - STMicroelectronics VL6180X Datasheet HTML 34Page - STMicroelectronics VL6180X Datasheet HTML 35Page - STMicroelectronics VL6180X Datasheet HTML 36Page - STMicroelectronics VL6180X Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
DocID026171 Rev 6
33/79
VL6180X
Electrical characteristics
78
3
Electrical characteristics
3.1
Absolute maximum ratings
Note:
Stresses above those listed in Table 15. may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
3.2
Normal operating conditions
3.3
Current consumption
Table 15. Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
AVDD
-0.5
-
3.6
V
AVDD_VCSEL
-0.5
-
3.6
V
SCL, SDA, GPIO0 and GPIO1
-0.5
-
3.6
V
Table 16. Normal operating conditions
Parameter
Min.
Typ.
Max.
Unit
Voltage (AVDD and AVDD_VCSEL)
Voltage (optimum operating)
2.7
2.8
2.9
V
Voltage (functional operating)
2.6
2.8
3.0
V
Temperature
Temperature (optimum operating)
-10
+60
°C
Temperature (functional operating)
-20
-
+70
°C
Temperature (test)
+21
-
+25
°C
Temperature (storage)
-40
-
+85
°C
Table 17. Current consumption(1)
1.
Measured at room temperature (23°C)
Parameter
Min.
Typ.
Max.
Unit
Hardware Standby
-
-
1
µA
Software Standby
-
-
1
µA
ALS operation
-
300
350
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com