Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 40 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 36Page - STMicroelectronics VL6180X Datasheet HTML 37Page - STMicroelectronics VL6180X Datasheet HTML 38Page - STMicroelectronics VL6180X Datasheet HTML 39Page - STMicroelectronics VL6180X Datasheet HTML 40Page - STMicroelectronics VL6180X Datasheet HTML 41Page - STMicroelectronics VL6180X Datasheet HTML 42Page - STMicroelectronics VL6180X Datasheet HTML 43Page - STMicroelectronics VL6180X Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
Device registers
VL6180X
40/79
DocID026171 Rev 6
6
Device registers
This section describes in detail all user accessible device registers. Registers are grouped
by function as shown in Table 22. to make them easier to read but also to simplify multi-byte
read/write I2C accesses (burst mode). More details in Section 5. Reset values are given for
each register which denotes the register value in software standby.
Note that registers can be 8-,16- or 32-bit. Multi-byte registers are always addressed in
ascending order with MSB first as shown in Table 23.
6.1
Register encoding formats
Some registers are encoded to allow rational numbers to be expressed efficiently. Table 24
gives an explanation of 9.7 and 4.4 encoding formats.
Table 22. Register groups
Register group
Address range
IDENTIFICATION
0x00 - 0x0F
SYSTEM SETUP
0x10 - 0x17
RANGE SETUP
0x18 - 0x37
ALS SETUP
0x38 - 0x40
RESULTS
0x4D - 0x80
Table 23. 32-bit register example
Register address
Byte
Address
MSB
Address + 1
..
Address + 2
..
Address + 3
LSB
Table 24. 9.7 and 4.4 register formats
Format
Description
4.4
8 bits = 4 integer bits + 4 fractional bits (stored as 1 byte)
Encoding example: the value 4.2 is multiplied by 16 (24) rounded
and stored as 67 decimal.
Decoding example: 67 is divided by 16 = 4.19.
9.7
16 bits = 9 integer bits + 7 fractional bits (stored over 2 bytes)
Encoding example: the value 4.2 is multiplied by 128 (27) rounded
and stored as 537 decimal.
Decoding example: 537 is divided by 128 = 4.19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com