Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 25 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 21Page - STMicroelectronics VL6180X Datasheet HTML 22Page - STMicroelectronics VL6180X Datasheet HTML 23Page - STMicroelectronics VL6180X Datasheet HTML 24Page - STMicroelectronics VL6180X Datasheet HTML 25Page - STMicroelectronics VL6180X Datasheet HTML 26Page - STMicroelectronics VL6180X Datasheet HTML 27Page - STMicroelectronics VL6180X Datasheet HTML 28Page - STMicroelectronics VL6180X Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
DocID026171 Rev 6
25/79
VL6180X
Functional description
78
the current consumption scales accordingly i.e. the average current consumption at 1 Hz
under the same conditions would be 0.17 mA.
Figure 14. Typical ranging current consumption (10 Hz sampling rate)
The minimum average current consumption in Figure 14. is 1.5 mA, 0.5 mA of which comes
from pre-calibration before each measurement and 1.0 mA from post-processing (readout
averaging). Pre-calibration is a fixed overhead but readout averaging can be reduced or
effectively disabled by setting the READOUT__AVERAGING_SAMPLE_PERIOD{0x10A} to
zero (default setting is 48).
Note:
Decreasing the READOUT__AVERAGING_SAMPLE_PERIOD will increase sampling
noise. It is recommended that any change in setting be properly
evaluated in the end application.
Minimum current consumption scales with sampling rate i.e. at a sampling rate of 1 Hz the
current consumption associated with pre- and post-processing will be 0.15
μA.
2.11.2
Current consumption calculator
Table 11. gives a breakdown of typical current consumption for pre-calibration, ranging and
readout averaging.
Current consumption can then be calculated as follows:
I (
μA) = sampling_rate * [Q1 + (Q2 * RESULT__RANGE_RETURN_CONV_TIME in ms) +
Q3 * (1.3 + (READOUT__AVERAGING_SAMPLE_PERIOD * 0.0645 ms))]
Table 7. gives typical convergence times for different target reflectance.
So, for example, RESULT__RANGE_RETURN_CONV_TIME for a 3% target at 50 mm
is 4.35 ms. At 10 Hz sampling rate this gives:
I (
μA) = 10 * [41.6 + (22 * 4.35) + 25 * (1.3 + (48 * 0.0645))] = 2472 μA
Z
Table 11. Breakdown of current consumption
Label
Phase
I (mA)
t (ms)
Q (
μC) = I x t
Q1
Pre-calibration
13.0
3.2
41.6
Q2
Ranging
22.0
per ms
22.0 per ms
Q3
Readout averaging
25.0
per ms
25.0 per ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com