Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 15Page - STMicroelectronics VL6180X Datasheet HTML 16Page - STMicroelectronics VL6180X Datasheet HTML 17Page - STMicroelectronics VL6180X Datasheet HTML 18Page - STMicroelectronics VL6180X Datasheet HTML 19Page - STMicroelectronics VL6180X Datasheet HTML 20Page - STMicroelectronics VL6180X Datasheet HTML 21Page - STMicroelectronics VL6180X Datasheet HTML 22Page - STMicroelectronics VL6180X Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
DocID026171 Rev 6
19/79
VL6180X
Functional description
78
2.5
Range timing
Figure 12 gives a breakdown of total execution time for a single range measurement.
•
The pre-calibration phase is fixed (3.2 ms).
•
The range convergence time is variable and depends on target distance/reflectance
(see Table 7).
•
The recommended readout averaging period is 4.3 ms. Readout averaging helps to
reduce measurement noise. The recommended setting for
READOUT__AVERAGING_SAMPLE_PERIOD{0x10A}
is 48(c) but is programmable in
the range 0-255. Note however that lower settings will result in increased noise.
Note:
When a target is detected, register RESULT__RANGE_RETURN_CONV_TIME{0x80} returns
the actual convergence time before readout averaging. Range convergence and readout
averaging must be completed within the specified max convergence time.
Figure 12. Total range execution time
Table 6. Interleaved mode limits (10 Hz operation)
Parameter
Period (ms)
SYSALS__INTERMEASUREMENT_PERIOD
100
Effective ALS INTERMEASUREMENT PERIOD
90
SYSRANGE__MAX_CONVERGENCE_TIME
30
Total RANGE EXECUTION TIME
35
SYSALS__INTEGRATION_TIME
50
Total ALS INTEGRATION TIME
55
TOTAL EXECUTION TIME
90
c.
Default readout averaging period is calculated as follows: 1300 µs + (48 x 64.5 µs) = 4.3 ms
Readout
averaging
Range convergence
Pre-cal
4.3 ms
Convergence time
(variable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com