Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 27 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 23Page - STMicroelectronics VL6180X Datasheet HTML 24Page - STMicroelectronics VL6180X Datasheet HTML 25Page - STMicroelectronics VL6180X Datasheet HTML 26Page - STMicroelectronics VL6180X Datasheet HTML 27Page - STMicroelectronics VL6180X Datasheet HTML 28Page - STMicroelectronics VL6180X Datasheet HTML 29Page - STMicroelectronics VL6180X Datasheet HTML 30Page - STMicroelectronics VL6180X Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
DocID026171 Rev 6
27/79
VL6180X
Functional description
78
2.12
Other system considerations
This section describes part-to-part range offset and system cross-talk. In addition, a
procedure for cross-talk calibration is given.
2.12.1
Part-to-part range offset
The VL6180X is factory calibrated to produce an absolute linear range output as shown in
Figure 16. The part-to-part range offset is calibrated during manufacture and stored in
SYSRANGE__PART_TO_PART_RANGE_OFFSET{0x24}
(two’s complement).
RESULT__RANGE_RAW{0x64}
reports the range with the part-to-part offset already applied.
Figure 16. Part-to-part range offset
2.12.2
Cross-talk
Cross-talk is defined as the signal return from the cover glass. The magnitude of the cross-
talk depends on the type of glass, air gap and filter material. Cross-talk results in a range
error (see Figure 17) which is proportional to the ratio of the cross-talk to the signal return
from the target. The true range is recovered by applying automatic cross-talk compensation.
Figure 17. Cross-talk compensation
To enable cross-talk compensation it is necessary to write the calibrated cross-talk value to
SYSRANGE__CROSSTALK_COMPENSATION_RATE{0x1E}
in 9.7 format. A cross-talk
calibration procedure is described in Section 2.12.4.
2.12.3
Offset calibration procedure
Complete steps 1-3 to see if part-to-part offset calibration is required.
Actual Range
p2p_offset
calibration
Actual Range
cross-talk
compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com