Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180X Datasheet(PDF) 36 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 32Page - STMicroelectronics VL6180X Datasheet HTML 33Page - STMicroelectronics VL6180X Datasheet HTML 34Page - STMicroelectronics VL6180X Datasheet HTML 35Page - STMicroelectronics VL6180X Datasheet HTML 36Page - STMicroelectronics VL6180X Datasheet HTML 37Page - STMicroelectronics VL6180X Datasheet HTML 38Page - STMicroelectronics VL6180X Datasheet HTML 39Page - STMicroelectronics VL6180X Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
Performance specification
VL6180X
36/79
DocID026171 Rev 6
4.2
ALS performance
The following table specifies ALS performance. These results are derived from
characterization of typical samples (without cover glass). Unless specified otherwise, all
tests were performed at room temperature (23°C), nominal voltage (2.8V) and using a
halogen light source.
Table 21. ALS performance
Parameter
Min.
Typ.
Max.
Unit
ALS sensitivity(1)
1.
535nm LED @ 1 kLux. Measured @ gain 20.
0.28
0.32
0.36
Lux/count
Angular response(2)
2.
Half angle. 40% transmission.
-
42
-
degrees
Spectral response
-
photopic
-
-
Dynamic Range(3)
3.
Minimum of one count at gain 40 and 400 ms ALS integration time.
0.002
-
20971
Lux
Linearity error (1 to 300 lux)(4)
4.
Test conditions: -10°C to +60°C; analog gains 1 to 20
--
5
%
Linearity error (300 to 7500 lux)(4)
--
10
%
Gain error (@ gain 20)
-
-
1
%
Gain error (gains 1 to 10)
-
-
7
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com