Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 17 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 17 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 13Page - Texas Instruments SWCS049H Datasheet HTML 14Page - Texas Instruments SWCS049H Datasheet HTML 15Page - Texas Instruments SWCS049H Datasheet HTML 16Page - Texas Instruments SWCS049H Datasheet HTML 17Page - Texas Instruments SWCS049H Datasheet HTML 18Page - Texas Instruments SWCS049H Datasheet HTML 19Page - Texas Instruments SWCS049H Datasheet HTML 20Page - Texas Instruments SWCS049H Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 119 page
background image
17
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.9
Power Consumption
over operating free-air temperature range (unless otherwise noted)
All current consumption measurements are relative to the FULL chip, all VCC inputs set to VBAT voltage, COMP2 is off.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Device BACKUP
state
CK32K clock and RTC digital
running (RTC_PWDN = 0)
VBAT = 2.4 V, VBACKUP = 0 V,
13
18
µA
VBAT = 0 V, VBACKUP = 3.2 V, V5IN = 0 V
7
10
Device OFF state
CK32K clock running,
V5IN = 0
VBAT = 3.8 V
13
18
µA
VBAT = 5 V
17
23
VBAT = 3.8 V, RTC digital running
(RTC_PWDN = 0)
16
22
VBAT = 3.8 V, digital running (RTC_PWDN = 0),
backup battery charger on, VBACKUP = 3.2 V
26
32
Device SLEEP
state
VBAT = 3.8 V,
CK32K clock running:
3 DCDCs on, 5 LDOs and VRTC on, no load
292
µA
3 DCDCs on, 3 LDOs and VRTC on, no load
279
VBAT = 3.8 V, CK32K clock
and RTC digital running
(RTC_PWDN = 0):
3 DCDCs on, 5 LDOs and VRTC on, no load
295
Additional current from V5IN = 5 V, if VDDCtrl is on, no load
320
500
Device ACTIVE
state
VBAT = 3.8 V, CK32K clock
running:
3 DCDCs on, 5 LDOs and VRTC on, no load
1.2
mA
3 DCDCs on, 3 LDOs and VRTC on, no load
1.05
3 DCDCs on PWM mode
(VDD1_PSKIP = VDD2_PSKIP = VIO_PSKIP = 0),
5 LDOs and VRTC on, no load
23.6
Additional current from V5IN = 5 V, if VDDCtrl is on, no load
0.32
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com