Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 11 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 11 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 7Page - Texas Instruments SWCS049H Datasheet HTML 8Page - Texas Instruments SWCS049H Datasheet HTML 9Page - Texas Instruments SWCS049H Datasheet HTML 10Page - Texas Instruments SWCS049H Datasheet HTML 11Page - Texas Instruments SWCS049H Datasheet HTML 12Page - Texas Instruments SWCS049H Datasheet HTML 13Page - Texas Instruments SWCS049H Datasheet HTML 14Page - Texas Instruments SWCS049H Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
11
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
I/O supplied from VRTC, but can be driven from VCC7 or to VCC7 voltage level.
(3)
Input supplied from VRTC, but can be driven from VCC7 voltage level.
5
Specifications
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage range on
pins or balls
VCC1, VCC2, VCCIO, VCC3, VCC4, VCC5, VCC7, VBACKUP,
V5IN, TRIP
–0.3
7
V
VCC6
–0.3
3.6
VDDIO
–0.3
3.6
VBST
–0.3
37
SW
–5
30
SW1, SW2, SWIO
–0.3
7
VFB1, VFB2, VFBIO
–0.3
3.6
VOUT, VFB
–0.3
7
OSC32KIN, OSC32KOUT, BOOT1
–0.3
VRTCMAX + 0.3
SDA_SDI, SCL_SCK, EN2, EN1, SLEEP, INT1, CLK32KOUT,
NRESPWRON
–0.3
VDDIOMAX + 0.3
PWRON
–0.3
7
PWRHOLD, GPIO0
–0.3
7
Voltage range on
balls
GPIO1, GPIO2, GPIO3, GPIO4, GPIO5, GPIO6, GPIO7, GPIO8(2)
–0.3
7
V
HDRST
–0.3
7
NRESPWRON2(2)
–0.3
7
PWRDN(3)
–0.3
7
VCCS
–0.3
7
Peak output current on all other terminals than power resources
–5.0
5.0
mA
Functional junction temperature
–45
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 statues that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP155 statues that 250-V HBM allows safe manufacturing with a standard ESD control process.
5.2
ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS001(1)
±2000
V
Charged device model (CDM), per JESD22-C101(2)
All pins
±500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com