Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 16 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 16 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 12Page - Texas Instruments SWCS049H Datasheet HTML 13Page - Texas Instruments SWCS049H Datasheet HTML 14Page - Texas Instruments SWCS049H Datasheet HTML 15Page - Texas Instruments SWCS049H Datasheet HTML 16Page - Texas Instruments SWCS049H Datasheet HTML 17Page - Texas Instruments SWCS049H Datasheet HTML 18Page - Texas Instruments SWCS049H Datasheet HTML 19Page - Texas Instruments SWCS049H Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 119 page
background image
16
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
The input timing requirements are given by considering a rising or falling time of 80 ns in high–speed mode (3.4 Mbps), 300 ns in
fast–speed mode (400 kbps), 1000 ns in standard mode (100 kbps)
(2)
SDA is SDA_SDI or EN2 signal, SCL is SCL_SCK or EN1 signal
5.8
I
2C Interface and Control Signals
over operating free-air temperature range (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP
UNIT
INT1 rise and fall times, CL = 5 to 35 pF
5
10
ns
NRESPWRON rise and fall times, CL = 5 to
35 pF
5
10
ns
SLAVE HIGH–SPEED MODE
SCL/EN1 and SDA/EN2 rise and fall time,
CL = 10 to 100 pF
10
80
ns
Data rate
3.4
Mbps
I3
tsu(SDA-SCLH)
Setup time, SDA valid to SCL high
10
ns
I4
th(SCLL-SDA)
Hold time, SDA valid from SCL low
0
70
ns
I7
tsu(SCLH-SDAL)
Setup time, SCL high to SDA low
160
ns
I8
th(SDAL-SCLL)
Hold time, SCL low from SDA low
160
ns
I9
tsu(SDAH-SCLH)
Setup time, SDA high to SCL high
160
ns
SLAVE FAST MODE
SCL/EN1 and SDA/EN2 rise and fall time,
CL = 10 to 400 pF
20 + 0.1 × CL
250
ns
Data rate
400
Kbps
I3
tsu(SDA-SCLH)
Setup time, SDA valid to SCL high
100
ns
I4
th(SCLL-SDA)
Hold time, SDA valid from SCL low
0
0.9
µs
I7
tsu(SCLH-SDAL)
Setup time, SCL high to SDA low
0.6
µs
I8
th(SDAL-SCLL)
Hold time, SCL low from SDA low
0.6
µs
I9
tsu(SDAH-SCLH)
Setup time, SDA high to SCL high
0.6
µs
SLAVE STANDARD MODE
SCL/EN1 and SDA/EN2 rise and fall time,
CL = 10 to 400 pF
250
ns
Data rate
100
Kbps
I3
tsu(SDA-SCLH)
Setup time, SDA valid to SCL high
250
ns
I4
th(SCLL-SDA)
Hold time, SDA valid from SCL low
0
µs
I7
tsu(SCLH-SDAL)
Setup time, SCL high to SDA low
4.7
µs
I8
th(SDAL-SCLL)
Hold time, SCL low from SDA low
4
µs
I9
tsu(SDAH-SCLH)
Setup time, SDA high to SCL high
4
µs
SWITCHING CHARACTERISTICS
SLAVE HIGH–SPEED MODE
I1
tw(SCLL)
Pulse duration, SCL low
160
ns
I2
tw(SCLH)
Pulse duration, SCL high
60
ns
SLAVE FAST MODE
I1
tw(SCLL)
Pulse duration, SCL low
1.3
µs
I2
tw(SCLH)
Pulse duration, SCL high
0.6
µs
SLAVE STANDARD MODE
I1
tw(SCLL)
Pulse duration, SCL low
4.7
µs
I2
tw(SCLH)
Pulse duration, SCL high
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com