Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 95 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 95 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 91Page - Texas Instruments SWCS049H Datasheet HTML 92Page - Texas Instruments SWCS049H Datasheet HTML 93Page - Texas Instruments SWCS049H Datasheet HTML 94Page - Texas Instruments SWCS049H Datasheet HTML 95Page - Texas Instruments SWCS049H Datasheet HTML 96Page - Texas Instruments SWCS049H Datasheet HTML 97Page - Texas Instruments SWCS049H Datasheet HTML 98Page - Texas Instruments SWCS049H Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 119 page
background image
95
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Bits
Field Name
Description
Type
Reset
7
PWRDN_IT_MSK
PWRDN interrupt mask
RW
1
6
VMBCH2_L_IT_MSK
Comparator2 input below threshold detection interrupt mask
RW
1
5
VMBCH2_H_IT_MSK
Comparator2 input above threshold detection interrupt mask
RW
1
4
WTCHDG_IT_MSK
Watchdog interrupt mask.
RW
1
3
GPIO5_F_IT_MSK
GPIO5 falling-edge detection interrupt mask.
RW
1
2
GPIO5_R_IT_MSK
GPIO5 rising-edge detection interrupt mask.
RW
1
1
GPIO4_F_IT_MSK
GPIO4 falling-edge detection interrupt mask.
RW
1
0
GPIO4_R_IT_MSK
GPIO4 rising-edge detection interrupt mask.
RW
1
Table 6-72. GPIO0_REG
Address Offset
0x60
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
GPIO0 configuration register
Type
RW
7
6
5
4
3
2
1
0
GPIO_SLEEP
Reserved
GPIO_ODEN
GPIO_DEB
GPIO_PDEN
GPIO_CFG
GPIO_STS
GPIO_SET
(1)
The GPIO_SLEEP bit is a bit available only for GPIO_0/2/6/7.This bit will be take into account and be effective only if the GPIO_0/2/6/7
is associated to a TIME_SLOT. It means that this bit is useful only if the GPIO is part of the POWER UP SEQUENCE. Note that in this
case the associated GPIO will be set as GPO. GPIO_SLEEP bit is a bit related to the PMU sleep mode only, No action in ACTIVE
mode. It is used to define SLEEP mode state for GPIO 0/2/6/7.
Bits
Field Name
Description
Type
Reset
7
GPIO_SLEEP(1)
1: as GPO, force low
0: No impact, keep as in active mode
RW
0
6
Reserved
Reserved bit
RO
R returns
0s
0
5
GPIO_ODEN
Selection of output mode, EEPROM bit
0: Push-pull output
1: Open-drain output
(Default value: See boot configuration)
GPIO assigned to power-up sequence, this bit will be set to 1 by a
TURNOFF reset
RW
0
4
GPIO_DEB
GPIO input debouncing time configuration:
When 0, the debouncing is 91.5 µs using a 30.5 µs clock rate
When 1, the debouncing is 150 ms using a 50 ms clock rate
RW
0
3
GPIO_PDEN
GPIO pad pulldown control:
1: Pulldown is enabled
0: Pulldown is disabled
RW
0
2
GPIO_CFG
Configuration of the GPIO pad direction:
When 0, the pad is configured as an input
When 1, the pad is configured as an output
(Default value: See boot configuration)
RW
0
1
GPIO_STS
Status of the GPIO pad
RO
1
0
GPIO_SET
Value set on the GPIO output when configured in output mode
GPIO assigned to power-up sequence, this bit will be in TURNOFF reset
RW
0
Table 6-73. GPIO1_REG
Address Offset
0x61
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
GPIO1 configuration register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com