Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 1 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 1 Page - Texas Instruments

  SWCS049H Datasheet HTML 1Page - Texas Instruments SWCS049H Datasheet HTML 2Page - Texas Instruments SWCS049H Datasheet HTML 3Page - Texas Instruments SWCS049H Datasheet HTML 4Page - Texas Instruments SWCS049H Datasheet HTML 5Page - Texas Instruments SWCS049H Datasheet HTML 6Page - Texas Instruments SWCS049H Datasheet HTML 7Page - Texas Instruments SWCS049H Datasheet HTML 8Page - Texas Instruments SWCS049H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
TPS65911x Integrated Power Management Unit Top Specification
1
Device Overview
1
1.1
Features
1
The Purpose of the TPS65911x Device is to Provide the Following Resources:
• Embedded Power Controller (EPC) With EEPROM
Programmability
• Two Efficient Step-Down DC-DC Converters for
Processor Cores (VDD1, VDD2)
• One Efficient Step-Down DC-DC Converter for I/O
Power (VIO)
• One Controller for External FETs (VDDCtrl)
• Dynamic Voltage Scaling (DVS) for Processor
Cores
• Eight LDO Voltage Regulators and One RTC LDO
(Supply for Internal RTC)
• One High-Speed I2C Interface for General-Purpose
Control Commands (CTL-I2C)
• Two Independent Enable Signals for Controlling
Power Resources (EN1, EN2)
– Alternatively, the EN1 and EN2 Pins can be
Used as a High-Speed I2C Interface Dedicated
for Voltage Scaling for VDD1 and VDD2
• Thermal Shutdown Protection and Hot-Die
Detection
• A Real-Time Clock (RTC) Resource With:
– Oscillator for 32.768-kHz Crystal or 32-kHz
Built-in RC Oscillator
– Date, Time, and Calendar
– Alarm Capability
• Nine Configurable GPIOs With Multiplexed Feature
Support:
– Four can be Used as Enable for External
Resources, Included in Power-Up Sequence
and Controlled by State Machine
– As GPI, GPIOs Support Logic-Level Detection
and can Generate Maskable Interrupt for
Wakeup
– Two of the GPIOs Have 10-mA Current Sink
Capability for Driving LEDs
– DC-DC Converters Switching Synchronization
Through an External 3-MHz Clock
• Two Reset Inputs:
– Cold Reset (HDRST)
– Power Initialization Reset (PWRDN) for Thermal
Reset Input
• 32-kHz Clock and Reset (NRESPWRON) for
System and an Additional Output for Reset Signal
• Watchdog
• Two ON and OFF LED Pulse Generators and One
PWM Generator
• Two Comparators for System Control, Connected
to VCCS Pin
• A JTAG and Boundary Scan (Not Accessible in
Functional Mode [Test Purpose])
1.2
Applications
Portable and Hand-Held Systems
1.3
Description
The TPS65911x device is an integrated power management IC (PMIC) available in a 98-pin 0.65-mm
pitch BGA package. The TPS65911x device is dedicated to applications powered by one Li-Ion or Li-Ion
polymer battery cell, 3-series Ni-MH cells, or a 5-V input, and applications that require multiple power rails.
The device provides three step-down converters, one controller for external FETs to support high current
rail, eight LDOs, and the device is designed to be a flexible PMIC for supporting different processors and
applications.
Two of the step-down converters provide power for dual processor cores and support dynamic voltage
scaling by a dedicated I2C interface for optimum power savings. The third converter provides power for the
I/Os and memory in the system.
The device includes eight general-purpose LDOs that provide a wide range of voltage and current
capabilities. Five of the LDOs support 1.0 to 3.3 V with a 100-mV step and three (LDO1, LDO2, LDO4)
support 1.0 to 3.3 V with a 50-mV step. All LDOs are fully controllable by the I2C interface.
In addition to the power resources, the device contains an EPC to manage the power sequencing
requirements of systems and an RTC. Power sequencing is programmable by EEPROM.


Similar Part No. - SWCS049H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SWCS049H TI-SWCS049H Datasheet
2Mb / 144P
TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
More results

Similar Description - SWCS049H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
Power Management Unit
logo
Texas Instruments
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
Integrated Power Management Unit Top Specification
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
Automotive Integrated Power-Management Unit
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com