Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 88 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 88 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 84Page - Texas Instruments SWCS049H Datasheet HTML 85Page - Texas Instruments SWCS049H Datasheet HTML 86Page - Texas Instruments SWCS049H Datasheet HTML 87Page - Texas Instruments SWCS049H Datasheet HTML 88Page - Texas Instruments SWCS049H Datasheet HTML 89Page - Texas Instruments SWCS049H Datasheet HTML 90Page - Texas Instruments SWCS049H Datasheet HTML 91Page - Texas Instruments SWCS049H Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 119 page
background image
88
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Bits
Field Name
Description
Type
Reset
5
LDO7_SETOFF
When 1, LDO regulator is turned off during device SLEEP state.
When 0, No effect
RW
0
4
LDO8_SETOFF
When 1, LDO regulator is turned off during device SLEEP state.
When 0, No effect
RW
0
3
LDO5_SETOFF
When 1, LDO regulator is turned off during device SLEEP state.
When 0, No effect
RW
0
2
LDO2_SETOFF
When 1, LDO regulator is turned off during device SLEEP state.
When 0, No effect
RW
0
1
LDO1_SETOFF
When 1, LDO regulator is turned off during device SLEEP state.
When 0, No effect
RW
0
0
LDO6_SETOFF
When 1, LDO regulator is turned off during device SLEEP state.
When 0, No effect
RW
0
Table 6-61. SLEEP_SET_RES_OFF_REG
Address Offset
0x44
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Configuration Register turning-off SMPS regulator during the SLEEP state of the device.
Corresponding *_KEEP_ON control bit in SLEEP_KEEP_RES_ON2 register should be 0 to make this
*_SET_OFF control bit effective. Supplies voltage expected after their wake-up (SLEEP-to-ACTIVE state
transition) can also be programmed.
Type
RW
7
6
5
4
3
2
1
0
DEFAULT_
VOLT
Reserved
SPARE_
SETOFF
VDDCTRL_
SETOFF
VDD2_
SETOFF
VDD1_
SETOFF
VIO_
SETOFF
Bits
Field Name
Description
Type
Reset
7
DEFAULT_VOLT
When 1, default voltages (register value after switch-on) will be applied
to all resources during SLEEP-to-ACTIVE transition.
When 0, voltages programmed before the ACTIVE-to-SLEEP state
transition will be used to turned-on supplies during SLEEP-to-ACTIVE
state transition.
RW
0
6:5
Reserved
RO
R returns
0s
0x0
4
SPARE_SETOFF
Spare bit
RW
0
3
VDDCTRL_SETOFF
When 1, SMPS is turned off during device SLEEP state.
When 0, No effect.
RW
0
2
VDD2_SETOFF
When 1, SMPS is turned off during device SLEEP state.
When 0, No effect.
RW
0
1
VDD1_SETOFF
When 1, SMPS is turned off during device SLEEP state.
When 0, No effect.
RW
0
0
VIO_SETOFF
When 1, SMPS is turned off during device SLEEP state.
When 0, No effect.
RW
0
Table 6-62. EN1_LDO_ASS_REG
Address Offset
0x45
Physical Address
Instance
(RESET DOMAIN: TURNOFF
RESET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com