Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 39 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 39 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 35Page - Texas Instruments SWCS049H Datasheet HTML 36Page - Texas Instruments SWCS049H Datasheet HTML 37Page - Texas Instruments SWCS049H Datasheet HTML 38Page - Texas Instruments SWCS049H Datasheet HTML 39Page - Texas Instruments SWCS049H Datasheet HTML 40Page - Texas Instruments SWCS049H Datasheet HTML 41Page - Texas Instruments SWCS049H Datasheet HTML 42Page - Texas Instruments SWCS049H Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
SWCS049-007
SLEEP
tACT2SLP
VIO/VFBIO
1.8 V
PWM mode
LDO5
VDD2/VFB2
VDD1/VFB1
LDO4
LDO3
LDO8
LDO6
CLK32KOUT
SWIO
SW2
SW1
1.8 V
Low Power mode
1.8 V
PWM mode
1.8 V
ACTIVE mode
1.8 V
Low-power mode
1.8 V
ACTIVE mode
3.3 V
Pulse skip mode
3.3 V
Low-power mode
3.3 V
Pulse skip mode
1.2 V
PWM mode
Off
1.8 V
ACTIVE mode
1.8 V
ACTIVE mode
1.8 V
ACTIVE mode
3.3 V
ACTIVE mode
3.3V
Low-power mode
Off
Off
1.8 V
ACTIVE mode
1.8 V
ACTIVE mode
3.3 V
ACTIVE mode
1.2 V
PWM mode
1.8 V
ACTIVE mode
1.8 V
ACTIVE mode
tSLP2ACT
tACT2SLPCK32K
t SLP2ACTCK32K
t dSLPON1
t dONDCDCSLP
t dSLPONST
t dSLPONST
39
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.23.2.2 Device SLEEP State Control
NOTE: Registers programming: VIO_PSKIP = 0, VDD1_PSKIP = 0, VDD1_SETOFF = 1, LDO3_SETOFF = 1,
LDO4_SETOFF = 1, LDO8_KEEPON = 1.
Figure 5-4. Device SLEEP State Control
Table 5-3. Device SLEEP State Control Timing Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tACT2SLP
SLEEP falling-edge to supply n low-power mode
(SLEEP resynchronization delay)
2 × tCK32k = 62
3 × tCK32k = 94
µs
tACT2SLPCK32K
SLEEP falling-edge to CLK32KOUT low
156
tACT2SLP + 3 × tCK32k
188
µs
tSLP2ACT
SLEEP rising edge to supply in high-power
mode
8 × tCK32k = 250
9 × tCK32k = 281
µs
tSLP2ACTCK32K
SLEEP rising edge to CLK32KOUT running
344
tSLP2ACT + 3 × tCK32k
375
µs
tdSLPON1
SLEEP rising edge to time step 1 of the turnon
sequence from SLEEP state
281
tSLP2ACT + 1 × tCK32k
312
µs
tdSLPONST
Turnon sequence
step duration,
from SLEEP
state
TSLOT_LENGTH[1:0] = 00
0
µs
TSLOT_LENGTH[1:0] = 01
200
TSLOT_LENGTH[1:0] = 10
500
TSLOT_LENGTH[1:0] = 11
2000
tdSLPONDCDC
VDD1, VDD2, or VIO turnon delay from turnon
sequence time step
2 × tCK32k = 62
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com