Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 69 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 69 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 65Page - Texas Instruments SWCS049H Datasheet HTML 66Page - Texas Instruments SWCS049H Datasheet HTML 67Page - Texas Instruments SWCS049H Datasheet HTML 68Page - Texas Instruments SWCS049H Datasheet HTML 69Page - Texas Instruments SWCS049H Datasheet HTML 70Page - Texas Instruments SWCS049H Datasheet HTML 71Page - Texas Instruments SWCS049H Datasheet HTML 72Page - Texas Instruments SWCS049H Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 119 page
background image
69
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-21. RTC_STATUS_REG (continued)
Description
RTC status register:
NOTES: A dummy read of this register is necessary before each I2C read in order to update the status
register value.
Type
RW
7
6
5
4
3
2
1
0
POWER_UP
ALARM
EVENT_1D
EVENT_1H
EVENT_1M
EVENT_1S
RUN
Reserved
Bits
Field Name
Description
Type
Reset
7
POWER_UP
Indicates that a reset occurred (bit cleared to 0 by writing 1).
POWER_UP is set by a reset, is cleared by writing one in this bit.
RW
1
6
ALARM
Indicates that an alarm interrupt has been generated (bit clear by writing
1).
The alarm interrupt keeps its low level, until the microcontroller write 1 in
the ALARM bit of the RTC_STATUS_REG register.
The timer interrupt is a low-level pulse (15 µs duration).
RW
0
5
EVENT_1D
One day has occurred
RO
0
4
EVENT_1H
One hour has occurred
RO
0
3
EVENT_1M
One minute has occurred
RO
0
2
EVENT_1S
One second has occurred
RO
0
1
RUN
0: RTC is frozen
1: RTC is running
This bit shows the real state of the RTC, indeed because of STOP_RTC
signal was resynchronized on 32-kHz clock, the action of this bit is
delayed.
RO
0
0
Reserved
Reserved bit
RO
R returns
0s
0
Table 6-22. RTC_INTERRUPTS_REG
Address Offset
0x12
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
RTC interrupt control register
Type
RW
7
6
5
4
3
2
1
0
Reserved
IT_SLEEP_
MASK_EN
IT_ALARM
IT_TIMER
EVERY
Bits
Field Name
Description
Type
Reset
7:5
Reserved
Reserved bit
RO
R returns
0s
0x0
4
IT_SLEEP_MASK_E
N
1: Mask periodic interrupt while the TPS65911x device is in SLEEP
mode. Interrupt event is back up in a register and occurred as soon as
the TPS65911x device is no more in SLEEP mode.
0: Normal mode, no interrupt masked
RW
0
3
IT_ALARM
Enable one interrupt when the alarm value is reached (TC ALARM
registers) by the TC registers
RW
0
2
IT_TIMER
Enable periodic interrupt
0: interrupt disabled
1: interrupt enabled
RW
0
1:0
EVERY
Interrupt period
00: every second
01: every minute
10: every hour
11: every day
RW
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com