Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 27 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 27 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 23Page - Texas Instruments SWCS049H Datasheet HTML 24Page - Texas Instruments SWCS049H Datasheet HTML 25Page - Texas Instruments SWCS049H Datasheet HTML 26Page - Texas Instruments SWCS049H Datasheet HTML 27Page - Texas Instruments SWCS049H Datasheet HTML 28Page - Texas Instruments SWCS049H Datasheet HTML 29Page - Texas Instruments SWCS049H Datasheet HTML 30Page - Texas Instruments SWCS049H Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 119 page
background image
27
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
VDDCtrl SMPS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DUTY AND FREQUENCY CONTROL
tOFF(min)
Minimum off-time
TA = 25°C
150
260
400
ns
tON(min)
Minimum on-time
VIN = 28 V, VOUT = 0.6 V, TA = 25°C
Specified by design. Not production tested.
86
fSW
Switching frequency
TA = 25°C
312
340
368
kHz
SOFTSTART
tss
Internal SS time
From V(EN) = high to VOUT = 95%
0.9
ms
PROTECTION: CURRENT SENSE
V(TRIP)
TRIP source current
V(TRIP) = 1 V, TA = 25°C
9
10
11
µA
TRIP current temperature
coefficient
On the basis of 25°C
4700
ppm/°C
V(TRIP)
Current limit threshold
setting range
V(TRIP-GND) Voltage
0.2
3
V
VOCL
Current limit threshold
V(TRIP) = 3 V
355
375
395
mV
V(TRIP) = 1.6 V
185
200
215
V(TRIP) = 0.2 V
17
25
33
VOCLN
Negative current limit
threshold
V(TRIP) = 3 V
–395
–375
–355
mV
V(TRIP) = 1.6 V
–215
–200
–185
V(TRIP) = 0.2 V
–33
–25
–17
Auto zero cross adjustable
range
Positive
3
15
mV
Negative
–15
–3
UVLO
V5IN UVLO threshold
Wake up
4.2
4.38
4.5
V
Shutdown
3.7
3.93
4.1
THERMAL SHUTDOWN
TSDN
Thermal shutdown threshold
Shutdown temperature
Specified by design. Not production tested.
145
°C
Hysteresis
Specified by design. Not production tested.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com