Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 92 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 92 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 88Page - Texas Instruments SWCS049H Datasheet HTML 89Page - Texas Instruments SWCS049H Datasheet HTML 90Page - Texas Instruments SWCS049H Datasheet HTML 91Page - Texas Instruments SWCS049H Datasheet HTML 92Page - Texas Instruments SWCS049H Datasheet HTML 93Page - Texas Instruments SWCS049H Datasheet HTML 94Page - Texas Instruments SWCS049H Datasheet HTML 95Page - Texas Instruments SWCS049H Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 119 page
background image
92
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-66. INT_STS_REG (continued)
Description
Interrupt status register:
The interrupt status bit is set to 1 when the associated interrupt event is detected. Interrupt status bit is
cleared by writing 1.
Type
RW
7
6
5
4
3
2
1
0
RTC_PERIOD_
IT
RTC_ALARM_
IT
HOTDIE_IT
PWRHOLD_R_
IT
PWRON_LP_IT
PWRON_IT
VMBHI_IT
PWRHOLD_F_
IT
Bits
Field Name
Description
Type
Reset
7
RTC_PERIOD_IT
RTC period event interrupt status.
RW
W1 to Clr
0
6
RTC_ALARM_IT
RTC alarm event interrupt status.
RW
W1 to Clr
0
5
HOTDIE_IT
Hot-die event interrupt status.
RW
W1 to Clr
0
4
PWRHOLD_R_IT
Rising PWRHOLD event interrupt status.
RW
W1 to Clr
0
3
PWRON_LP_IT
PWRON Long Press event interrupt status.
RW
W1 to Clr
0
2
PWRON_IT
PWRON event interrupt status.
RW
W1 to Clr
0
1
VMBHI_IT
VBAT > VMHI event interrupt status
RW
W1 to Clr
0
0
PWRHOLD_F_IT
Falling PWRHOLD event interrupt status.
RW
W1 to Clr
0
Table 6-67. INT_MSK_REG
Address Offset
0x51
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Interrupt mask register:
When *_IT_MSK is set to 1, the associated interrupt is masked: INT1 signal is not activated, but *_IT
interrupt status bit is updated.
When *_IT_MSK is set to 0, the associated interrupt is enabled: INT1 signal is activated, *_IT is
updated.
Type
RW
7
6
5
4
3
2
1
0
RTC_PERIOD_
IT_MSK
RTC_ALARM_
IT_MSK
HOTDIE_
IT_MSK
PWRHOLD_R_
IT_MSK
PWRON_LP_
IT_MSK
PWRON_
IT_MSK
VMBHI_
IT_MSK
PWRHOLD_F_
IT_MSK
Bits
Field Name
Description
Type
Reset
7
RTC_PERIOD_IT_MS
K
RTC period event interrupt mask.
RW
1
6
RTC_ALARM_IT_MS
K
RTC alarm event interrupt mask.
RW
1
5
HOTDIE_IT_MSK
Hot die event interrupt mask.
RW
1
4
PWRHOLD_R_IT_MS
K
PWRHOLD rising-edge event interrupt mask.
RW
1
3
PWRON_LP_IT_MSK
PWRON Long Press event interrupt mask.
RW
1
2
PWRON_IT_MSK
PWRON event interrupt mask.
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com