Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049H Datasheet(PDF) 86 Page - Texas Instruments

Part # SWCS049H
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049H Datasheet(HTML) 86 Page - Texas Instruments

Back Button SWCS049H Datasheet HTML 82Page - Texas Instruments SWCS049H Datasheet HTML 83Page - Texas Instruments SWCS049H Datasheet HTML 84Page - Texas Instruments SWCS049H Datasheet HTML 85Page - Texas Instruments SWCS049H Datasheet HTML 86Page - Texas Instruments SWCS049H Datasheet HTML 87Page - Texas Instruments SWCS049H Datasheet HTML 88Page - Texas Instruments SWCS049H Datasheet HTML 89Page - Texas Instruments SWCS049H Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 119 page
background image
86
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Bits
Field Name
Description
Type
Reset
5:4
TSLOT_LENGTH
Time slot duration programming (EEPROM bit):
When 00: 0 µs
When 01: 200 µs
When 10: 500 µs
When 11: 2 ms
(Default value: See boot configuration)
RW
0x3
3
SLEEPSIG_POL
When 1, SLEEP signal active-high
When 0, SLEEP signal active-low
RW
0
2
PWON_LP_OFF
When 1, allows device turnoff after a PWON Long Press (signal low)
(EEPROM bits).
(Default value: See boot configuration)
RW
1
1
PWON_LP_RST
When 1, allows digital core reset when the device is OFF (EEPROM bit).
(Default value: See boot configuration)
RW
0
0
IT_POL
INT1 interrupt pad polarity control signal (EEPROM bit):
When 0, active low
When 1, active high
(Default value: See boot configuration)
RW
0
Table 6-58. SLEEP_KEEP_LDO_ON_REG
Address Offset
0x41
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
When corresponding control bit = 0 in EN1_ LDO_ASS register (default setting): Configuration Register
keeping the full load capability of LDO regulator (ACTIVE mode) during the SLEEP state of the device.
When control bit = 1, LDO regulator full load capability (ACTIVE mode) is maintained during device
SLEEP state.
When control bit = 0, the LDO regulator is set or stay in low-power mode during device SLEEP state(but
then supply state can be overwritten programming ST[1:0]). Control bit value has no effect if the LDO
regulator is off.
When corresponding control bit = 1 in EN1_ LDO_ASS register: Configuration Register setting the LDO
regulator state driven by SCLSR_EN1 signal low level (when SCLSR_EN1 is high the regulator is on,
full power):
- the regulator is set off if its corresponding Control bit = 0 in SLEEP_KEEP_LDO_ON register (default)
- the regulator is set in low-power mode if its corresponding control bit = 1 in SLEEP_KEEP_LDO_ON
register
Type
RW
7
6
5
4
3
2
1
0
LDO3_
KEEPON
LDO4_
KEEPON
LDO7_KEEPO
N
LDO8_
KEEPON
LDO5_KEEPO
N
LDO2_
KEEPON
LDO1_
KEEPON
LDO6_
KEEPON
Bits
Field Name
Description
Type
Reset
7
LDO3_KEEPON
Setting supply state during device SLEEP state or when SCLSR_EN1 is
low
RW
0
6
LDO4_KEEPON
Setting supply state during device SLEEP state or when SCLSR_EN1 is
low
RW
0
5
LDO7_KEEPON
Setting supply state during device SLEEP state or when SCLSR_EN1 is
low
RW
0
4
LDO8_KEEPON
Setting supply state during device SLEEP state or when SCLSR_EN1 is
low
RW
0
3
LDO5_KEEPON
Setting supply state during device SLEEP state or when SCLSR_EN1 is
low
RW
0
2
LDO2_KEEPON
Setting supply state during device SLEEP state or when SCLSR_EN1 is
low
RW
0
1
LDO1_KEEPON
Setting supply state during device SLEEP state or when SCLSR_EN1 is
low
RW
0
0
LDO6_KEEPON
Setting supply state during device SLEEP state or when SCLSR_EN1 is
low
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com