Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 17Page - Texas Instruments LP3910 Datasheet HTML 18Page - Texas Instruments LP3910 Datasheet HTML 19Page - Texas Instruments LP3910 Datasheet HTML 20Page - Texas Instruments LP3910 Datasheet HTML 21Page - Texas Instruments LP3910 Datasheet HTML 22Page - Texas Instruments LP3910 Datasheet HTML 23Page - Texas Instruments LP3910 Datasheet HTML 24Page - Texas Instruments LP3910 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
Buck Characteristics (continued)
VIN = 3 to 3.6 V
VOUT = 1.2 V
Load = 250 mA
VIN = 3 to 3.6 V
VOUT = 3.3 V
Load = 250 mA
Figure 31. Line Transient Response
Figure 32. Line Transient Response
VOUT = 1.8 V
Load = 30 mA
VOUT = 3.3 V
Load = 30 mA
Figure 33. Start-up into PWM Mode
Figure 34. Start-up into PWM Mode
VOUT = 1.8 V
Load = 30 mA
VOUT = 3.3 V
Load = 30 mA
Figure 35. Start-up Into PFM Mode
Figure 36. Start-up Into PFM Mode
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com