Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 51Page - Texas Instruments LP3910 Datasheet HTML 52Page - Texas Instruments LP3910 Datasheet HTML 53Page - Texas Instruments LP3910 Datasheet HTML 54Page - Texas Instruments LP3910 Datasheet HTML 55Page - Texas Instruments LP3910 Datasheet HTML 56Page - Texas Instruments LP3910 Datasheet HTML 57Page - Texas Instruments LP3910 Datasheet HTML 58Page - Texas Instruments LP3910 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
8.6.6 ILIMIT Register (03)H Current Limit Register
D7–2
D1–0
Access
Read only 0
Data
Reserved
USB Current Limit
00: controlled by USBISEL pin
[low = 100 mA, high = 500 mA]
01: 100 mA
10: 500 mA
11: 800 mA
Reset
n/a
2’b00
8.6.7 ADCC Register (0a)H ADC Control Register
D7
D6
D5
D4
D3
D2
D1–0
Access
R/W
R/W
Read Only
R/W
R/W
Data
VRANGE
IRANGE
ADC Overflow Data Ready
Start
ADC Enable
ADC source
Conversion
selection
0: 2.6 V – 3.5
0: 0 mA – 605 mA
0: no overflow
0: no data
0: default
0: Disabled
00: battery voltage
V
1: 2.6 V – 4.4
1: 0 mA – 1100 mA 1: overflow
1: data ready
1: start
1: Enabled
01: battery charge
V
conversion
current
10: ADC1
11: ADC2
Reset
0
0
0
0
0
0
0
8.6.8 ADCD Register (0b)H ADC Output Data Register
Charge current 0 A to 1.1 A mirrored to 0 µA to 250 µA, ADC measures voltage drop across RSENSE 4.64 kΩ.
D7–0
Access
Read Only 0
Data
Battery voltage:
8’h00 = 2.6V
8’hFF = 3.5V
1 LSB = 0.9 / 256
= (3.5 mV) range 0
8’h00= 2.6V
8’hFF = 4.4 V
1 LSB = 1.8 /
256 = (7.0 mV) range 1
Battery charge current
8’h00 = 0
8’hFF = 0.6463 V = 605 mA
range 0
8’h00 = 0
8’hFF = 1.175V = 1100 mA
range 1
ADC1:
8’h00 = VREFH = 1.225V
8’hFF = 2*VREFH = 2.45 V
(1 LSB = VREFH/256)
ADC2:
8’h00 = VREFH = 1.225V
8’hFF = 2*VREFH = 2.45 V
(1 LSB = VREFH/256)
Reset
8’h00
8.6.9 IMR Register (0c)H Interrupt Mask Register
D7–0
Access
r/w
Data
1: Enable INTn (n=0…7) to pull IRQB low
0: Mask Interrupt source INTn
Reset
8’h00
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com