Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 67 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 63Page - Texas Instruments LP3910 Datasheet HTML 64Page - Texas Instruments LP3910 Datasheet HTML 65Page - Texas Instruments LP3910 Datasheet HTML 66Page - Texas Instruments LP3910 Datasheet HTML 67Page - Texas Instruments LP3910 Datasheet HTML 68Page - Texas Instruments LP3910 Datasheet HTML 69Page - Texas Instruments LP3910 Datasheet HTML 70Page - Texas Instruments LP3910 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
OUTPUT CURRENT (mA)
0.1
1.0
10
100
1000
Vin = 3.6 V
Vin = 4 V
Vin = 5 V
100
90
70
60
40
30
0
80
20
50
10
OUTPUT CURRENT (mA)
0.1
1.0
10
100
1000
Vin = 3.6 V
Vin = 4 V
Vin = 5 V
95
90
80
75
65
60
50
85
55
70
OUTPUT CURRENT (mA)
0.1
1.0
10
100
1000
Vin = 3.6 V
Vin = 4 V
Vin = 5 V
90
80
60
50
30
20
0
70
10
40
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
9.2.3 Application Curves
VIN = 0 to 3.6 V
VOUT = 3.3 V
Load = 1 mA
Ch1 = Charge Current (mA)
Ch4 = USBPWR (V)
Ch3 = CHG_DET (V)
Figure 78. Enable Startup Time (LDO1)
Figure 77. Wall Adapter Removal With USBPWR Present
VIN = 0 to 3.6 V
VOUT = 1.8 V
Load = 1 mA
VOUT = 1.8 V
L = 2.2 µH
Forced PWM Mode
Figure 79. Enable Start-Up Time (LDO2)
Figure 80. Buck2 Efficiency vs Output Current
VOUT = 1.8 V
L = 2.2 µH
PFM-to-PWM Mode
VOUT = 3.3 V
L = 2.2 µH
Forced PWM Mode
Figure 82. Buck2 Efficiency vs Output Current
Figure 81. Buck2 Efficiency vs Output Current
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com