Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 30Page - Texas Instruments LP3910 Datasheet HTML 31Page - Texas Instruments LP3910 Datasheet HTML 32Page - Texas Instruments LP3910 Datasheet HTML 33Page - Texas Instruments LP3910 Datasheet HTML 34Page - Texas Instruments LP3910 Datasheet HTML 35Page - Texas Instruments LP3910 Datasheet HTML 36Page - Texas Instruments LP3910 Datasheet HTML 37Page - Texas Instruments LP3910 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
+
-
+
-
hiRef
loRef
Ts
ntc
Logic
charger
control
Battery discharge
Constant Voltage Charging
0V
Battery charge current
Battery voltage
Time
Full Rate
CV
Full Rate
Topoff
RED LED
GREEN LED
ON
OFF
ON
ON
ON
ON
OFF
End-Of-Charge
(EOC)
50% Duty cycle
Pre-qualification
2.85V
Charging restart voltage
3.9V, 4.0V or 4.2V
Termination voltage
4.1V, 4.2V or 4.38V
1.0C
0.1 C PREQUAL CURRENT
0.05 C EOC CURRENT
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
Figure 55. Charge Cycle Complete
8.3.4.5 Battery Temperature Monitoring (TS Pin)
The LP3910 is equipped with a battery thermistor terminal to continuously monitor the battery temperature by
measuring the voltage between the TS pin and GND. With the TS pin connected to the battery thermistor,
charging is allowed only if the battery temperature is within the acceptable temperature range set by a pair of
internal comparators inside the LP3910. The temperature window is 0°C to 45°C or 0°C to 50°C, depending on
the setting of D2 of the charger supervisory (CHSPV) register. There is 3°C of temperature hysteresis associated
with each temperature threshold. The default temperature range is 0°C to 50°C and can be changed to 0°C to
45°C by setting bit D3 in the CHSPV register. If the battery temperature is out of range, STAT2, STAT1, and
STAT0 bits in the CHSPV register are set to logic1, logic0, logic0, and charging is suspended.
The TS pin is only active during charging and draws no current from the battery when no external power source
is present.
If the TS pin is not used in the application, it must be connected to GND through a 100-k
Ω pulldown resistor.
When the TS pin is left floating (battery removal), the charger is disabled as the TS voltage exceeds the lower
temperature limit.
Figure 56. Battery Temperature Monitor with TS Pin
8.3.4.6 Disabling Charger
Charging can be safely interrupted by clearing the Charge enable bit D1 in the Charge Control Register and can
subsequently resume upon setting this bit. When the charger is disabled, STAT2, STAT1, and STAT0 bits in the
CHSPV register are set to logic 0.
34
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com