Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 1 Page - Texas Instruments

  LP3910 Datasheet HTML 1Page - Texas Instruments LP3910 Datasheet HTML 2Page - Texas Instruments LP3910 Datasheet HTML 3Page - Texas Instruments LP3910 Datasheet HTML 4Page - Texas Instruments LP3910 Datasheet HTML 5Page - Texas Instruments LP3910 Datasheet HTML 6Page - Texas Instruments LP3910 Datasheet HTML 7Page - Texas Instruments LP3910 Datasheet HTML 8Page - Texas Instruments LP3910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
USB Controller
Battery
Apps Processor
Audio
Touch
HDD
Memory
LP3910
Buck-Boost
LDO2
LDO1
Buck2
Buck1
Linear Charger
ACDC Wall Adapter
Battery Monitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
LP3910 Power Management IC for Hard-Drive-Based Portable Media Players
1 Features
2 Applications
1
•
Two Low-Dropout Regulators With Programmable
•
Hard Drive-Based Media Players
Output Voltages:
•
Portable Gaming Players
–
LDO1 for General Purpose Applications
•
Portable Navigation Devices
–
LDO2 for Low-Noise Analog Applications
3 Description
•
Green and Red LED-Charger Status Drivers
The LP3910 is a programmable system power
•
4-Channel 8-Bit Dual Slope
management unit optimized for HDD-based portable
Analog-to-Digital (ADC) Converter
media players. The device incorporates two low-
•
2 High-Efficiency DVS Buck Converters
dropout LDO voltage regulators, two integrated buck
DC-DC converters with dynamic voltage scaling
•
Wide Load Range Buck-Boost DC-DC Converter
(DVS), one wide load-range buck-boost DC-DC
•
400-kHz I2C-Compatible Interface
converter with programmable output voltage, a 4-
•
Linear Constant-Current and Constant-Voltage
channel, 8-bit ADC, and a dual-source lithium-ion or
Charger for Single-Cell Lithium-Ion Batteries
lithium-polymer battery charger.
•
USB and Adapter Charging
The
LP3910
also
incorporates
some
advanced
•
System Power Supply Management
battery
management
functions
such
as
battery
temperature measurement, reverse current blocking
•
Voltage and Thermal Supervisory Circuits
for USB, LED-charger status indication, thermally
•
Continuous Battery Voltage Monitoring
regulated
internal
power
FETs,
battery-voltage
•
Interrupt Request Output With 8 Sources
monitoring, overcurrent protection, and a 10-hour
•
50-m
Ω Battery Path Resistance
safety timer. The device is programmable through a
400-kHz I2C-compatible interface.
•
100-mA to 1000-mA Full-Rate Charge Current
Using Wall Adapter
The LP3910 is available in a thermally-enhanced
6-mm × 6-mm × 0.8-mm 48-pin WQFN package.
•
Selectable 0.05C and 0.1C End-of-Charge (EOC)
Current
Device Information(1)
•
USB Current Limits of 100, 500, and 800 mA
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
USB Pre-Qualification Current of 50 mA
LP3910
WQFN (48)
6.00 mm × 6.00 mm
•
Selectable 4.1-V, 4.2-V or 4.38-V Battery-
(1) For all available packages, see the orderable addendum at
Termination Voltages
the end of the data sheet.
•
0.35% Battery-Termination Accuracy
•
±1 LSB INL/DNL on 8-Bit ADC
Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3910

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3910SQ-AN NSC-LP3910SQ-AN Datasheet
7Mb / 60P
Power Management IC for Hard Drive Based Portable Media Players
LP3910SQX-AN NSC-LP3910SQX-AN Datasheet
7Mb / 60P
Power Management IC for Hard Drive Based Portable Media Players
More results

Similar Description - LP3910

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2214 MICREL-MIC2214 Datasheet
233Kb / 11P
Portable Power Management IC
MIC2213 MICREL-MIC2213 Datasheet
234Kb / 11P
Sequenced Portable Power Management IC
logo
National Semiconductor ...
LP3910SQ-AN NSC-LP3910SQ-AN Datasheet
7Mb / 60P
Power Management IC for Hard Drive Based Portable Media Players
logo
Micrel Semiconductor
MIC2213 MICREL-MIC2213_05 Datasheet
1,001Kb / 11P
Sequenced Portable Power Management IC
logo
Richtek Technology Corp...
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
Multi-Channel Power Management IC for Portable Device
logo
A-Data Technology
HD710 A-DATA-HD710 Datasheet
811Kb / 1P
DashDrive Dura HD710 Portable Hard Drive
HE720 A-DATA-HE720 Datasheet
553Kb / 2P
DashDrive Elite HE720 Portable Hard Drive
HV610 A-DATA-HV610 Datasheet
626Kb / 2P
DashDrive HV610 Portable Hard Drive
logo
Texas Instruments
LP3913 TI1-LP3913 Datasheet
3Mb / 70P
Power Management IC for Flash Memory-Based Portable Media Players
logo
STMicroelectronics
LD39130S STMICROELECTRONICS-LD39130S Datasheet
3Mb / 27P
Portable media players
20-Jan-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com