Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 2Page - Texas Instruments LP3910 Datasheet HTML 3Page - Texas Instruments LP3910 Datasheet HTML 4Page - Texas Instruments LP3910 Datasheet HTML 5Page - Texas Instruments LP3910 Datasheet HTML 6Page - Texas Instruments LP3910 Datasheet HTML 7Page - Texas Instruments LP3910 Datasheet HTML 8Page - Texas Instruments LP3910 Datasheet HTML 9Page - Texas Instruments LP3910 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
TYPE(1)
DESCRIPTION
NO.
NAME
21
VIN2
I
PWR
Power input to Buck1. VIN2 pin must be externally shorted to the VDD pins.
22
VIN3
I
PWR
Power input to Buck2. VIN3 pin must be externally shorted to the VDD pins.
23
VBUCK2
O
A
Buck2 Output
24
BCKGND2
—
G
Buck2 Ground
25
VFB2
I
A
Buck2 Feedback input terminal
Power ONOFF pin configured either as level (High or Low) triggered or edge (High or
26
ONOFF
I
D
Low) triggered.
27
I2C_SCL
I
D
I2C-compatible interface clock terminal
28
VDDIO
I
D
Supply to input / output stages of digital I/O
29
I2C_SDA
I/O
D
I2C-compatible interface data terminal
Open
30
ONSTAT
O
Open Drain output that reflects the debounced state of ONOFF pin.
Drain
31
VBBFB
I
A
Buck-Boost Feedback input terminal
32
VBBOUT
O
A
Buck-Boost Output voltage
33
VBBL2
I
A
Buck-Boost inductor
34
BBGND1
—
G
Buck-Boost high current ground
35
VBBL1
I
A
Buck-Boost inductor
36
VIN4
I
PWR
Power input to Buck-Boost. VIN4 pin must be externally shorted to the VDD pins.
37
USBSUSP
I
D
This pin must be pulled high during USB suspend mode.
Pulling this pin low limits the USB charge current to 100 mA. Pulling this pin high limits
38
USBISEL
I
D
the USB charge current to 500 mA.
39
BBGND2
—
G
BUCK-BOOST Core Ground
40
DGND
—
G
Digital ground
Power input to supply application. This pin must be externally shorted to VDD1 and
41
VDD3
I
PWR
VDD2.
Power input to supply application This pin must be externally shorted to VDD1 and
42
VDD2
I
PWR
VDD3.
43
VBATT3
O
A
Positive battery terminal. This pin must be externally shorted to V\BATT1 and VBATT2.
44
VBATT2
O
A
Positive battery terminal. This pin must be externally shorted to VBATT1 and VBATT3.
45
USBPWR
I
PWR
USB power input pin
46
VDD1
I
PWR
Power input to supply application This pin is shorted to VDD2 and VDD3.
47
CHG_DET
I
A
Wall adapter power input pin
A 121-k
Ω resistor must be connected between this pin and AGND. The resistor value
48
IREF
I
A
determines the reference current for the internal bias generator.
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com