Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 9Page - Texas Instruments LP3910 Datasheet HTML 10Page - Texas Instruments LP3910 Datasheet HTML 11Page - Texas Instruments LP3910 Datasheet HTML 12Page - Texas Instruments LP3910 Datasheet HTML 13Page - Texas Instruments LP3910 Datasheet HTML 14Page - Texas Instruments LP3910 Datasheet HTML 15Page - Texas Instruments LP3910 Datasheet HTML 16Page - Texas Instruments LP3910 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
7.16 Electrical Characteristics: Buck2 Converter
Unless otherwise noted, VIN3 = 3.6 V, VOUT = default value, CVIN3 = 10 µF, CSW1 = 10 µF, LSW2 = 2.2 µH. Typical limits apply
for TJ = 25°C; minimum and maximum limits apply for TJ = 0°C to 125°C, unless otherwise specified. Modulation mode is
PWM mode with automatic switch to PFM at light loads.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN3
Input voltage
2.7
6
V
Output voltage programming
VOUT Range
1.8 V – 3.3 V in 100-mV steps
0.8
2
V
range
IOUT = 200 mA including line and
Static output voltage tolerance
–3%
3%
load regulation
ΔVOUT
IOUT = 10 mA
Line regulation
0.2
%/V
VIN3 = 2.5 V − VDD
Load regulation
100 mA < IOUT < 300 mA
0.002
%/mA
Continuous output current
600
mA
IOUT
Peak output current limit
850
1000
1150
mA
IPFM
Maximum ILOAD, PFM mode
75
mA
IOUT = 0 mA
30
90
IQ
Quiescent current
µA
Buck2 disabled
1
FOSC
Internal oscillator frequency
PWM mode
2
MHz
η
Peak efficiency
90%
TON
Turnon time
To 95% level(1)
1
ms
(1)
This specification is ensured by design..
7.17 Electrical Characteristics: Buck-Boost
Unless otherwise noted, VIN4 = 3.6 V, CVIN4 = 10 µF, CBB = 22 µF, LBB = 2.2 µH. Typical limits apply for TJ = 25°C; minimum
and maximum limits apply for TJ = 0°C to 125°C, unless otherwise specified. Modulation mode is PWM mode with automatic
switch to PFM at light loads.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUTMAX = 1000 mA
2.9
5.7
V
VIN4
Input voltage
IOUTMAX = 800 mA
2.7
5.7
V
Output voltage programming
TJ = 25°C
VOUT Range
1.8
3.3
V
range
1.80 V to 3.30 V in 50-mV steps
IOUT = 0 mA to 1000 mA including
Static output voltage tolerance
–4%
4%
line and load regulation
ΔVOUT
Line regulation
IOUT = 10 mA
0.2
%/V
Load regulation
100 mA < IOUT < 1000 mA
0.0016
%/mA
Continuous output current
1000
mA
IOUT
VOUT = 3.3 V
Peak inductor current limit
1800
2400
mA
1-A load at VIN = 2.7 V
IPFM
Maximum ILOAD, PFM mode
75
mA
IOUT = 0 mA PFM no switching
80
IQ
Quiescent current
µA
Buck-Boost disabled
1
FOSC
Internal oscillator frequency
PWM mode
2
MHz
η
Peak efficiency
93%
TON
Turnon time
To 95% level(1)
1
ms
(1)
This specification is ensured by design.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com