Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 35Page - Texas Instruments LP3910 Datasheet HTML 36Page - Texas Instruments LP3910 Datasheet HTML 37Page - Texas Instruments LP3910 Datasheet HTML 38Page - Texas Instruments LP3910 Datasheet HTML 39Page - Texas Instruments LP3910 Datasheet HTML 40Page - Texas Instruments LP3910 Datasheet HTML 41Page - Texas Instruments LP3910 Datasheet HTML 42Page - Texas Instruments LP3910 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
CHG_IN power
detected
USB Power
detected
USB Power
removed
Battery Low
Thermal alarm
ADC conversion completed
IMR
IRQ
IRQB
Interrupt
sources
Charger
safety timer
timeout
Interrupt
Pending
register
int1
int2
int3
int4
int5
int6
int7
int0
CHG_IN power
removed
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
As new interrupts can occur while the I2C read cycle is clearing the IRQ register, a buffer register called interrupt
pending register (IPR), not accessible through the I2C-compatible interface holds the next interrupts. De-
asserting the IRQB output is immediately followed by a new transition of IRQB to logic low when an interrupt is
pending.
The Interrupts are not hardware prioritized. It is up to the firmware to determine the priority in case more than
one interrupt request is set.
Figure 61. Interrupt Request Setting
8.3.6.1 Interrupts and Standby Mode
Interrupts are captured in standby mode and can be serviced when the system processor is enabled when the
LP3910 is in an active state.
8.3.6.2 Interrupt Sources
•
CHG_IN Power Detected and CHG_IN Disconnect (INT0 and INT1): An interrupt (INT0) is generated when
CHG_IN power is connected to the LP3910. Another interrupt (INT1) is generated upon CHG_IN power
removal.
•
USB Power Detected and USB Disconnect (INT2 and INT3): An interrupt (INT2) is generated when USB
power is connected to the LP3910. Another interrupt (INT3) is generated upon disconnecting the USB power.
•
Battery Low (INT4): When the battery voltage drops below the battery low threshold IRQ, an interrupt is
generated. This allows the processor to perform some routine tasks prior to going to standby mode.
•
Thermal Alarm (INT5): If the junction temperature of the LP3910 exceeds 115°C, an interrupt is generated.
•
ADC Conversion Done (INT6): The ADC generates an interrupt request upon the completion of a data
conversion.
•
Charger Timer Interrupt (INT7): A charger timeout occurs 10 hours after it started (see Li-Ion Linear Charger)
and subsequently requests an interrupt.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com