Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 7Page - Texas Instruments LP3910 Datasheet HTML 8Page - Texas Instruments LP3910 Datasheet HTML 9Page - Texas Instruments LP3910 Datasheet HTML 10Page - Texas Instruments LP3910 Datasheet HTML 11Page - Texas Instruments LP3910 Datasheet HTML 12Page - Texas Instruments LP3910 Datasheet HTML 13Page - Texas Instruments LP3910 Datasheet HTML 14Page - Texas Instruments LP3910 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
7.11 Input Electrical Characteristics: USBSUSP, USBISEL
Unless otherwise noted, VUSB = 5 V, VBATT = 3.6 V, CBATT = 4.7 µF, CCHG_DET = 10 µF. Minimum and maximum limits apply
over the entire junction temperature range for operation, TJ = 0°C to 125°C.
(1) (2) (3) (4) (5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input low level
0.3 × VUSB
V
VIH
Input high level
0.7 × VUSB
V
ILEAKAGE
Input leakage
−1
1
µA
(1)
LDO2EN, BUCK1EN, and USBSUSP have weak internal pulldowns while pins POWERACK, ONOFF do not have weak pulldowns.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(4)
Minimum and maximum limits are specified by design, test, or statistical analysis.
(5)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
7.12 Input Electrical Characteristics: POWERACK, ONOFF, LDO2EN, BUCK1EN
Unless otherwise noted, VDD = 5 V, VBATT = 3.6 V, CBATT = 4.7 µF, CCHG_IN = 10 µF. Minimum and maximum limits apply over
the entire junction temperature range for operation, TJ = 0°C to 125°C.
(1) (2) (3) (4) (5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input low level
0.4
V
VIH
Input high level
1.4
V
ILEAKAGE
Input leakage
–1
1
µA
(1)
LDO2EN, BUCK1EN, and USBSUSP have weak internal pulldowns, while pins POWERACK, ONOFF do not have this.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(4)
Minimum and maximum limits are specified by design, test, or statistical analysis.
(5)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
7.13 Electrical Characteristics: LDO1 Low Dropout Linear Regulators
Unless otherwise noted, VIN1 = 3.6 V, IMAX = 150 mA, VOUT = default value, CVDD = 10 µF, CLDO1 = 1 µF, ESR = 5 mΩ – 500
m
Ω, CVREFH = 100 nF. Typical limits apply for TJ = 25°C; minimum and maximum limits apply for TJ = 0°C to 125°C, unless
otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN1
Operational voltage
2.5
6
V
Output voltage
TJ = 25°C
VOUT Range
1.2
3.3
V
programming range
1.2 V to 3.3 V in 100-mV steps
1 mA
≤ IOUT ≤ IMAX over full line and
VOUT Accuracy Output voltage accuracy
load regulation.
–3%
3%
VOUT = default value
VIN = (VOUT + 500 mV) to 5.5 V
Line regulation
3
mV
Load current = IMAX
ΔVOUT
VIN = 3.6 V,
Load regulation
10
mV
Load current = 1 mA to IMAX
ISC
Short-circuit current limit
VOUT = 0 V
600
750
mA
VIN – VOUT
Dropout voltage
Load current = IMAX
60
150
mV
Power supply ripple
PSRR
F = 10 kHz, load current = IMAX
30
dB
rejection
RSHUNT
LDO output impedance
LDO disabled, VOUT = default value
200
Ω
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com