Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 37Page - Texas Instruments LP3910 Datasheet HTML 38Page - Texas Instruments LP3910 Datasheet HTML 39Page - Texas Instruments LP3910 Datasheet HTML 40Page - Texas Instruments LP3910 Datasheet HTML 41Page - Texas Instruments LP3910 Datasheet HTML 42Page - Texas Instruments LP3910 Datasheet HTML 43Page - Texas Instruments LP3910 Datasheet HTML 44Page - Texas Instruments LP3910 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
Li - Ion Cell
Q 2
Q1
USBPWR
ADAPTER
VDD
VBATT
xxxxx
xxxxx
xxxxx
xxxxx
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
The current flows in the different modes are realized through internal FETS and an external Schottky as shown in
Figure 62:
Figure 62. Charging and Sourcing Current Paths
The current provided by the external adapter power or USB power, when inserted, first supplies the system load;
the remainder is used for charging.
The different paths are configured through two internal power FETs, Q1 and Q2, and an external Schottky diode.
Q1 is a power FET that is only active during USB charging. Q2 functions either as a linear power FET during
charging or as a low RDSON switch when no external power is present, and the battery discharges to supply
power to the system.
Table 7. Power Routing Options
POWER ROUTE
Q1
Q2
Regulated adapter supply & battery
OFF
Regulated
charging
USB supply & battery charging
ON
Regulated
No external supply and battery
OFF
ON
discharging
The power routing function allocates power to the system through the VDD pin and to the battery. VDD1, VDD2,
VDD3, VIN1, VIN2, VIN3, and VIN4 must be connected together externally. VBATT1, VBATT2, and VBATT3
must be connected together externally.
8.3.14 Battery Monitor
The battery voltage is monitored and invokes the power-off mode when the battery low threshold is breached for
more than 5 ms (typical). The battery-low threshold DEFAULT is factory programmed. The battery low threshold
range is 2.5 V to 3.5 V with steps of 50 mV. The battery-low threshold in the table below refers to a decreasing
battery voltage. The threshold when the battery voltage is transitioning out of the VBATTLOW is 50 mV (typical)
higher than the values listed in the table below due to a built-in hysteresis of 50 mV (typical).
The battery low IRQ is triggered 200 mV above the battery low alarm threshold that powers down the device.
This gives the user time for a controlled shutdown.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com