Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3910 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 41Page - Texas Instruments LP3910 Datasheet HTML 42Page - Texas Instruments LP3910 Datasheet HTML 43Page - Texas Instruments LP3910 Datasheet HTML 44Page - Texas Instruments LP3910 Datasheet HTML 45Page - Texas Instruments LP3910 Datasheet HTML 46Page - Texas Instruments LP3910 Datasheet HTML 47Page - Texas Instruments LP3910 Datasheet HTML 48Page - Texas Instruments LP3910 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
PowerOff
VBLA
Vuvlo
Vpor
2.1V
0.9V
2.4V (Typ.)
2.4-3.5V (factory
programmable)
4.2V (Typ.)
Vterm
Active
Standby
Battery safety switch on/off threshold
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
Device Functional Modes (continued)
Figure 65. Voltage Threshold Levels
Table 8. Power State Table
POWER OFF
STANDBY
ACTIVE
CHARGER STANDBY
LDO1,2
Off
Off
On
Off
Buck1,2
Off
Off
On
Off
Buck-Boost
Off
Off
On
Off
Charger
Off
Off
On if Charger / USB
On if Charger / USB
Present
Present
ADC
Off
Off
On
Off
NRST
Low
Low
High
Low
I2C interface
Off
Off
On
On
Internal system oscillator
Off
Off
On
On
Battery monitor
Off
On
On
On
Current consumption
<1 µA
10 µA (typical)
See Specifications
See Specifications
8.4.1.1 Power-Off Mode
In power-off mode the main battery, the battery charger supply, and the USB supply are below their minimum on
levels. All internal circuits are disabled as the supply voltage is below the level to activate them. The LP3910 is in
power-off mode when the battery voltage is below the battery VUVLO (2.4 V, typical) except when a valid external
supply is detected.
8.4.1.2 Standby Mode
When the LP3910 is in standby mode, the chip is waiting for a valid power-on event to transition to active mode.
There are 3 valid wake-up signals. First is the ONOFF pin. Second is wall adapter insertion. Third is the USB
insertion. VBATT must be greater than the battery VUVLO in order to stay in standby mode; otherwise, the chip
transitions to power-off mode. Standby mode is skipped when advancing from power-off mode when a battery is
inserted that is above the battery low alarm threshold.
If the battery is below the battery low alarm threshold, power-off mode transitions to standby mode. However, hot
insertion of the battery with the adapter connected is NOT permitted. In standby mode, the current consumption
is reduced to IQ (10 µA, typical).
8.4.1.3 Active Mode
All LP3910 circuits are fully operational in active mode.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com