Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 40 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 40 Page - SPANSION

Back Button MB91F528 Datasheet HTML 36Page - SPANSION MB91F528 Datasheet HTML 37Page - SPANSION MB91F528 Datasheet HTML 38Page - SPANSION MB91F528 Datasheet HTML 39Page - SPANSION MB91F528 Datasheet HTML 40Page - SPANSION MB91F528 Datasheet HTML 41Page - SPANSION MB91F528 Datasheet HTML 42Page - SPANSION MB91F528 Datasheet HTML 43Page - SPANSION MB91F528 Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
37
CONFIDENTIAL
Pin Number
Pin Name
I/O
circuit
type
*
1
Function
*
2
144
176
208
BGA
416
-
-
-
D18
P290
-
A
General-purpose I/O port
TRG20_0
-
PPG trigger 20 input pin(0)
PPG64_1
-
PPG ch.64 output pin(1)
-
-
-
B18
P291
-
A
General-purpose I/O port
TRG21_0
-
PPG trigger 21 input pin(0)
PPG65_1
-
PPG ch.65 output pin(1)
113
139
167
-
P126
-
F
General-purpose I/O port
SIN0_0
-
Multi-function serial ch.0 serial data input
pin(0)
INT6_0
-
INT6 external interrupt input pin(0)
TDI
-
JTAG test data input
-
-
-
C18
P126
-
F
General-purpose I/O port
SIN0_0
-
Multi-function serial ch.0 serial data input
pin(0)
INT6_0
-
INT6 external interrupt input pin(0)
114
140
168
-
P127
-
A
General-purpose I/O port
SOT0_0
-
Multi-function serial ch.0 serial data output
pin(0)
TDO
-
JTAG test data output
-
-
-
C17
P127
-
A
General-purpose I/O port
SOT0_0
-
Multi-function serial ch.0 serial data output
pin(0)
115
141
169
-
P130
-
F
General-purpose I/O port
SCK0_0
-
Multi-function serial ch.0 clock I/O pin(0)
TCK
-
JTAG test clock input
-
-
-
D17
P130
-
F
General-purpose I/O port
SCK0_0
-
Multi-function serial ch.0 clock I/O pin(0)
-
142
170
C16
P162
-
A
General-purpose I/O port
TRG5_2
-
PPG trigger 5 input pin(2)
-
143
171
D16
P163
-
A
General-purpose I/O port
TRG6_2
-
PPG trigger 6 input pin(2)
116
144
172
B23
MD0
-
K
Mode pin 0
117
145
173
A23
MD1
-
K
Mode pin 1
118
146
174
A20
X0
-
N
Main clock oscillation input pin
119
147
175
A19
X1
-
N
Main clock oscillation output pin
121
149
177
A17
P135
-
A
General-purpose I/O port
DTTI_0
-
Waveform generator ch.0 to ch.5 input
pin(0)
X1A
-
O
Sub clock oscillation output pin
122
150
178
A16
P136
-
A
General-purpose I/O port
X0A
-
O
Sub clock oscillation input pin
123
151
179
B15
RSTX
N
M
External reset input pin
126
154
182
D15
P133
-
A
General-purpose I/O port
TX2(128)_0
-
CAN transmission data 2 output pin(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com