Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 56 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 56 Page - SPANSION

Back Button MB91F528 Datasheet HTML 52Page - SPANSION MB91F528 Datasheet HTML 53Page - SPANSION MB91F528 Datasheet HTML 54Page - SPANSION MB91F528 Datasheet HTML 55Page - SPANSION MB91F528 Datasheet HTML 56Page - SPANSION MB91F528 Datasheet HTML 57Page - SPANSION MB91F528 Datasheet HTML 58Page - SPANSION MB91F528 Datasheet HTML 59Page - SPANSION MB91F528 Datasheet HTML 60Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
53
CONFIDENTIAL
 Crystal oscillation circuit
An external noise to the X0 or X1 pin may cause a device malfunction. The printed circuit board must be
designed to lay out X0 and X1 pins, crystal oscillator (or ceramic resonator), and the bypass capacitor to be
grounded to the close position to the device.
The printed circuit board artwork is recommended to surround the X0 and X1 pins by ground circuits.
 Mode pins (MD1, MD0)
Connect the MD1and MD0 mode pins to the VCC or VSS pin directly. To prevent an erroneous selection of
test mode caused by the noise, reduce the pattern length between each mode pin and VCC or VSS pin on the
printed circuit board. Also, use the low-impedance pin connection.
 During power-on
To prevent a malfunction of the voltage step-down circuit built in the device, set the voltage rising time to
have 50μs or longer (between 0.2V and 2.7V) during power-on.
 Notes during PLL clock operation
When the PLL clock is selected and if the oscillator is disconnected or if the input is stopped, this clock
may continue to operate at the free running frequency of the self-oscillator circuit built in the PLL clock.
This operation is not guaranteed.
 Treatment of A/D converter power supply pins
Connect the pins to have AVCC=AVRH=VCC and AVSS/AVRL=VSS even if the A/D converter is not used.
 Notes on using external clock
An external clock is not supported. None of the external direct clock input can be used for both main clock
and sub clock.
 Power-on sequence of A/D converter analog inputs
Be sure to turn on the digital power supply (VCC, VCCE) first, and then turn on the A/D converter power
supplies (AVcc, AVRH, AVRL) and analog inputs (AN0 to AN63). Also, turn off the A/D converter power
supplies and analog inputs first, and then turn off the digital power supply (VCC, VCCE). When the AVRH
pin voltage is turned on or off, it must not exceed AVCC. Even if a common analog input pin is used as an
input port, its input voltage must not exceed AVcc. (However, the analog power supply and digital power
supply can be turned on or off simultaneously.)
 Treatment of C pin
This device contains a voltage step-down circuit. A capacitor must always be connected to the C pin to
assure the internal stabilization of the device. For the standard values, see the "Recommended Operating
Conditions" of the latest data sheet.
Note: Please see the latest data sheet for a detailed specification of the operation voltage.
 Function switching of a multiplexed port
To switch between the port function and the multiplexed pin function, use the PFR (port function register).
However, if a pin is also used for an external bus, its function is switched by the external bus setting. For
details, see " I/O PORTS" in the hardware manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com