Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 5 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 5 Page - SPANSION

  MB91F528 Datasheet HTML 1Page - SPANSION MB91F528 Datasheet HTML 2Page - SPANSION MB91F528 Datasheet HTML 3Page - SPANSION MB91F528 Datasheet HTML 4Page - SPANSION MB91F528 Datasheet HTML 5Page - SPANSION MB91F528 Datasheet HTML 6Page - SPANSION MB91F528 Datasheet HTML 7Page - SPANSION MB91F528 Datasheet HTML 8Page - SPANSION MB91F528 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 241 page
background image
D a t a S h e e t
2
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
 FEATURES
 FR81S CPU Core
 32-bit RISC, load/store architecture, 5-stage pipeline
 Maximum operating frequency:
MB91F52xR/MB91F52xU(LQFP): 80 MHz (Source oscillation = 4.0 MHz and 20 multiplied
(PLL clock multiplication system))
MB91F52xR/MB91F52xU(TEQFP): 128 MHz (Source oscillation = 4.0 MHz and 32 multiplied
(PLL clock multiplication system))
MB91F52xM/ MB91F52xY: 128 MHz (Source oscillation = 4.0 MHz and 32 multiplied
(PLL clock multiplication system))
 General-purpose register : 32-bit ×16 sets
 16-bit fixed length instructions (basic instruction), 1 instruction per cycle
 Instructions appropriate to embedded applications
 Memory-to-memory transfer instruction
 Bit processing instruction
 Barrel shift instruction etc.
 High-level language support instructions
 Function entry/exit instructions
 Register content multi-load and store instructions
 Bit search instructions
 Logical 1 detection, 0 detection, and change-point detection
 Branch instructions with delay slot
 Decrease overhead during branch process
 Register interlock function
 Easy assembler writing
 Built-in multiplier and instruction level support
 Signed 32-bit multiplication : 5 cycles
 Signed 16-bit multiplication : 3 cycles
 Interrupt (PC/PS saving)
 6 cycles (16 priority levels)
 The Harvard architecture allows simultaneous execution of program and data access.
 Instruction compatibility with the FR family
 Built-in memory protection function (MPU)
 Eight protection areas can be specified commonly for instructions and the data.
 Control access privilege in both privilege mode and user mode.
 Built-in FPU (floating point arithmetic)
 IEEE754 compliant
 Floating-point register 32-bit × 16 sets
 Peripheral functions
 Clock generation (equipped with SSCG function)
 Main oscillation (4MHz to 16MHz)
 Sub oscillation (32kHz) or no sub oscillation
 PLL multiplication rate : 1 to 20 times for MB91F52xR/MB91F52xU(LQFP)
: 1 to 32 times for MB91F52xR/MB91F52xU(TEQFP)
: 1 to 32 times for MB91F52xM/MB91F52xY
 100 kHz CR oscillator mounted
 Maximum operating frequency:
Peripheral bus clock: 40MHz
External bus clock: 40MHz
 Built-in Program flash capacity
MB91F527 : 1536KB + 64KB
MB91F528 : 2048KB + 64KB
 Built-in Data flash (WorkFlash) 64KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com