Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 10 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 10 Page - SPANSION

Back Button MB91F528 Datasheet HTML 6Page - SPANSION MB91F528 Datasheet HTML 7Page - SPANSION MB91F528 Datasheet HTML 8Page - SPANSION MB91F528 Datasheet HTML 9Page - SPANSION MB91F528 Datasheet HTML 10Page - SPANSION MB91F528 Datasheet HTML 11Page - SPANSION MB91F528 Datasheet HTML 12Page - SPANSION MB91F528 Datasheet HTML 13Page - SPANSION MB91F528 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
7
CONFIDENTIAL
MB91F527R
MB91F528R
Low-voltage detection
reset
Yes
Flash Security
Yes
ECC Flash/WorkFlash
Yes
ECC RAM
Yes
Memory Protection
Function (MPU)
Yes
Floating-point
arithmetic (FPU)
Yes
Real Time Clock (RTC)
Yes
General-purpose port
(#GPIOs)
115 ports (no sub clock) / 113 ports (with sub clock)
SSCG
Yes
Sub clock
Yes
CR oscillator
Yes
NMI request function
Yes
OCD(On Chip Debug)
Yes
TPU
(Timing Protection
Unit)
Yes
Key Code Register
Yes
Wave Generator
6 channels
Tuning RAM
None
Yes
JTAG
Yes
Operation guaranteed
temperature (Ta)
-40°C to +125°C
*1
Power supply
2.7 V to 5.5 V
VCCE = 5.0 V±10% or VCCE = 3.0 V to 3.6 V
(VCCE: 1-pin to 39-pin and 128-pin to 144-pin power supply)
(External bus I/F: 3.0 V to 3.6 V)
Package
LQFP-144 / TEQFP-144 (planning)
*3
*1: The limitation with the package has been described by the item of the power consumption of "Absolute
maximum ratings".
*2: PPG output pins on ch.38 and ch.39 do not exist. See "Pins of PPG (ch.0 to ch.87)."
*3: TEQFP-144pin is planning. Please contact sales representatives about details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com