Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 7 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 7 Page - SPANSION

Back Button MB91F528 Datasheet HTML 3Page - SPANSION MB91F528 Datasheet HTML 4Page - SPANSION MB91F528 Datasheet HTML 5Page - SPANSION MB91F528 Datasheet HTML 6Page - SPANSION MB91F528 Datasheet HTML 7Page - SPANSION MB91F528 Datasheet HTML 8Page - SPANSION MB91F528 Datasheet HTML 9Page - SPANSION MB91F528 Datasheet HTML 10Page - SPANSION MB91F528 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 241 page
background image
D a t a S h e e t
4
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
< I
2C >
 10 channels (ch.3, ch.4, ch.12 to ch.19) Standard mode / High-speed mode supported
 5 channels (ch.5 to ch.8, ch.11) Standard mode supported
 Full-duplex double buffering system, 64-byte transmission FIFO memory, 64-byte reception FIFO
memory
 Standard mode (Max. 100kbps) / High-speed mode (Max. 400kbps) supported
 DMA transfer supported (for transmission only)
 CAN : 6 channels
 Transfer speed : Up to 1Mbps
 128-transmission/reception message buffering : 6 channels
 FlexRay controller: 1 unit (ch.A/ch.B)
FlexRay specification version 2.1 supported
Max. 128-message buffer configuration
8KB message RAM
Variable-length message buffer configuration
Each message buffer can be configured as a part of a reception buffer, transmission buffer, or
reception FIFO.
Host access to message buffers through input and output buffers
Filtering the slot counter, cycle counter, and channels
Maskable interrupts
 PPG : 16-bit × Max. 88 channels
 LED drive output 4 channels (ch.11 to ch.14)
 Reload timer : 16-bit × 8 channels
 Free-run timer :
16-bit × 3 channels
32-bit × Max. 8 channels
 Input capture :
16-bit × 4 channels (linked to the free-run timer)
32-bit × Max. 8 channels (linked to the free-run timer)
 Output compare :
16-bit × 6 channels (linked to the free-run timer)
32-bit × Max. 8 channels (linked to the free-run timer)
 Wave generator : 6 channels
 U/D counter:
 8/16-bit up/down counter × Max. 4 channels
 Real-time clock (RTC) (for day, hours, minutes, seconds)
 Main oscillation / sub oscillation frequency can be selected for the operation clock.
 Calibration: A real-time clock (RTC) of the sub clock drive.
 The main clock to sub clock ratio can be corrected by setting the real-time clock prescaler
 Clock Supervisor
 Monitoring abnormality (damage of crystal etc.) of sub oscillation (32kHz) (dual clock products)
and main oscillation (4 MHz).
 When abnormality is detected, it switches to the CR clock.
For some devices, ON/OFF can be selected as the initial value.
 Base timer : 2 channels
 16-bit timer
 The timer mode is selected from PWM/PPG/PWC/reload.
 In the cascaded mode, a pair of 16-bit timers can be used as one 32-bit timer.
 CRC generation
 Watchdog timer
 Hardware watchdog
 Software watchdog (An effective range of a clear counter can be set.)
 NMI
 Interrupt controller
 Interrupt request batch read
 Multiple interrupts from peripherals can be read by a series of registers.
 I/O relocation
 Peripheral function pins can be reassigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com