Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 55 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 55 Page - SPANSION

Back Button MB91F528 Datasheet HTML 51Page - SPANSION MB91F528 Datasheet HTML 52Page - SPANSION MB91F528 Datasheet HTML 53Page - SPANSION MB91F528 Datasheet HTML 54Page - SPANSION MB91F528 Datasheet HTML 55Page - SPANSION MB91F528 Datasheet HTML 56Page - SPANSION MB91F528 Datasheet HTML 57Page - SPANSION MB91F528 Datasheet HTML 58Page - SPANSION MB91F528 Datasheet HTML 59Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 241 page
background image
D a t a S h e e t
52
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
 HANDLING DEVICES
This section explains the latch-up prevention and pin processing.
 For latch-up prevention
If a voltage higher than VCC (VCCE in case of terminal corresponding to VCCE power supply.) or a voltage
lower than VSS is applied to an I/O pin, or if a voltage exceeding the ratings is applied between VCC and VSS
pins or VCCE and VSS pins, a latch-up may occur in CMOS IC. If the latch-up occurs, the power supply
current increases excessively and device elements may be damaged by heat. Take care to prevent any
voltage from exceeding the maximum ratings in device application.
Also, the analog power supply (AVCC, AVRH), analog input and digital power supply (VCCE) must not be
exceed the digital power supply (VCC) when the power supply to the analog system and digital power
supply (VCCE) are turned on or off.
In the correct power-on sequence of the microcontroller, turn on the digital power supply (VCC), analog
power supplies (AVCC, AVRH) and digital power supply (VCCE) simultaneously. Or, turn on the digital
power supply (VCC), and then turn on analog power supplies (AVCC, AVRH) and digital power supply
(VCCE).
 Treatment of unused pins
If unused input pins are left open, they may cause a permanent damage to the device due to malfunction or
latch-up. Connect at least a 2kΩ resistor to each of the unused pins for pull-up or pull-down processing.
Also, if I/O pins are not used, they must be set to the output state for releasing or they must be set to the
input state and treated in the same way as for the input pins.
 Power supply pins
The device is designed to ensure that if the device contains multiple VCC or VSS pins, the pins that should be
at the same potential are interconnected to prevent latch-up or other malfunctions. Further, connect these
pins to an external power supply or ground to reduce unwanted radiation, prevent strobe signals from
malfunctioning due to a raised ground level, and fulfill the total output current standard, etc. As shown in
figure 1, all Vss power supply pins must be treated in the similar way. If multiple Vcc or Vss systems are
connected, the device cannot operate correctly even within the guaranteed operating range.
Figure 1 Power Supply Input Pins
The power supply pins should be connected to VCC and VSS pins of this device at the low impedance from
the power supply source.
In the area close to this device, a ceramic capacitor having the capacitance larger than the capacitor of C pin
is recommended to use as a bypass capacitor between VCC and VSS pins.
Vss
Vss
Vcc
Vcc
Vss
Vcc
Vcc
Vss
Vss
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com