Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 14 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 14 Page - SPANSION

Back Button MB91F528 Datasheet HTML 10Page - SPANSION MB91F528 Datasheet HTML 11Page - SPANSION MB91F528 Datasheet HTML 12Page - SPANSION MB91F528 Datasheet HTML 13Page - SPANSION MB91F528 Datasheet HTML 14Page - SPANSION MB91F528 Datasheet HTML 15Page - SPANSION MB91F528 Datasheet HTML 16Page - SPANSION MB91F528 Datasheet HTML 17Page - SPANSION MB91F528 Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
11
CONFIDENTIAL
MB91F527M
MB91F528M
ECC Flash/WorkFlash
Yes
ECC RAM
Yes
Memory Protection
Function (MPU)
Yes
Floating-point
arithmetic (FPU)
Yes
Real Time Clock (RTC)
Yes
General-purpose port
(#GPIOs)
177 ports (no sub clock) / 175 ports (with sub clock)
SSCG
Yes
Sub clock
Yes
CR oscillator
Yes
NMI request function
Yes
OCD(On Chip Debug)
Yes
TPU
(Timing Protection Unit)
Yes
Key Code Register
Yes
Wave Generator
6 channels
Tuning RAM
None
Yes
JTAG
Yes
Operation guaranteed
temperature (Ta)
-40°C to +125°C
*1
Power supply
2.7 V to 5.5 V
VCCE = 5.0 V±10% or VCCE = 3.0 V to 3.6 V
(VCCE: 1-pin to 57-pin and 188-pin to 208-pin power supply)
(External bus I/F: 3.0 V to 3.6 V)
Package
LQFP-208 / TEQFP- 208
*1: The limitation with the package has been described by the item of the power consumption of "Absolute
maximum ratings".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com