Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 8 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 8 Page - SPANSION

Back Button MB91F528 Datasheet HTML 4Page - SPANSION MB91F528 Datasheet HTML 5Page - SPANSION MB91F528 Datasheet HTML 6Page - SPANSION MB91F528 Datasheet HTML 7Page - SPANSION MB91F528 Datasheet HTML 8Page - SPANSION MB91F528 Datasheet HTML 9Page - SPANSION MB91F528 Datasheet HTML 10Page - SPANSION MB91F528 Datasheet HTML 11Page - SPANSION MB91F528 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
5
CONFIDENTIAL
 Low-power consumption mode
 Sleep / Stop / Watch / Sub RUN mode
 Stop (power shutdown) / Watch (power shutdown) mode
 Power on reset
 Low-voltage detection reset (External power supply and Internal power supply are independently
observed.)
For some devices, ON/OFF can be selected as the initial value for external power supply.
 Tuning RAM
Capacity: 128 KB
Can be used as RAM for data tuning.
 JTAG pins (TRST, TCK, TMS, TDI, TDO)
 Device Package : LQFP-144/176/208, TEQFP-144(planning)/176/208, BGA-416
 CMOS 90nm Technology
 Power supplies
 5V or 3V Power supply
 The internal 1.2V is generated from 5V with the voltage step-down regulator.
 Restriction on the power-on sequence (from VCC to VCCE)
Applying a voltage higher than the power supply voltage to an analog signal input is prohibited.
 Operation guaranteed voltage range (recommended): 3.0V to 5.5V (within the range guaranteed by AC
and DC spec)
 Operation guaranteed voltage range: 2.7V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com