Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 62 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 62 Page - SPANSION

Back Button MB91F528 Datasheet HTML 58Page - SPANSION MB91F528 Datasheet HTML 59Page - SPANSION MB91F528 Datasheet HTML 60Page - SPANSION MB91F528 Datasheet HTML 61Page - SPANSION MB91F528 Datasheet HTML 62Page - SPANSION MB91F528 Datasheet HTML 63Page - SPANSION MB91F528 Datasheet HTML 64Page - SPANSION MB91F528 Datasheet HTML 65Page - SPANSION MB91F528 Datasheet HTML 66Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
59
CONFIDENTIAL
 MEMORY MAP
 MB91F527, MB91F528
[ Tuning RAM function not used ]
[ Tuning RAM function used ]
MB91F527
MB91F528
MB91F528
0000
0000 H
I/O
0000
0000 H
I/O
0000
0000 H
I/O
0000
4000 H
BackUp RAM(16KB)
0000
4000 H
BackUp RAM(16KB)
0000
4000 H
BackUp RAM(16KB)
0000
8000 H
I/O
0000
8000 H
I/O
0000
8000 H
I/O
0001
0000 H
RAM(192KB)
0001
0000 H
RAM(192KB)
0001
0000 H
RAM(192KB)
0004
0000 H
Reserved
0004
0000 H
Reserved
0004
0000 H
Reserved
0007
0000 H
Flash Memory
0007
0000 H
Flash Momory
0007
0000 H
Flash Momory
(1536+64)KB
(2048+64)KB
(2048+64)KB
0008
0000 H
Tuning Area
(128KB)
000A 0000 H
Tuning Area
(128KB)
000C 0000 H
000F FC00 H
Interrupt Vector
000F FC00 H
Interrupt Vector
000F
FC00 H
Interrupt Vector
Reset Vector
Reset Vector
Reset Vector
0010
0000 H
0010
0000 H
0010
0000 H
0020
0000 H
Reserved
0028
0000 H
Reserved
0028
0000 H
Reserved
0033
0000 H
Work Flash
0033
0000 H
Work Flash
0033
0000 H
Work Flash
(64KB)
(64KB)
(64KB)
0034
0000 H
0034
0000 H
0034
0000 H
Reserved
Reserved
Reserved
7FFE 0000 H
RAM
7FFE 0000 H
Tuning RAM
(128KB)
(128KB)
Mirror region of Tuning Area
8000
0000 H
8000
0000 H
8000
0000 H
External Area
External Area
External Area
FFFF FFFF H
FFFF FFFF H
FFFF FFFF H
Register
switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com