Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 22 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 22 Page - SPANSION

Back Button MB91F528 Datasheet HTML 18Page - SPANSION MB91F528 Datasheet HTML 19Page - SPANSION MB91F528 Datasheet HTML 20Page - SPANSION MB91F528 Datasheet HTML 21Page - SPANSION MB91F528 Datasheet HTML 22Page - SPANSION MB91F528 Datasheet HTML 23Page - SPANSION MB91F528 Datasheet HTML 24Page - SPANSION MB91F528 Datasheet HTML 25Page - SPANSION MB91F528 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
19
CONFIDENTIAL
 PIN DESCRIPTION
Pin Number
Pin Name
I/O
circuit
type
*
1
Function
*
2
144
176
208
BGA
416
-
-
-
D3
P240
-
A
General-purpose I/O port
-
-
-
E4
P241
-
A
General-purpose I/O port
2
2
2
C1
P015
-
R
General-purpose I/O port
D29
-
External Bus data bit29 I/O pin
TRG0_0
-
PPG trigger 0 input pin(0)
3
3
3
D1
P016
-
R
General-purpose I/O port
D30
-
External Bus data bit30 I/O pin
TRG1_0
-
PPG trigger 1 input pin(0)
-
4
4
E3
P170
-
A
General-purpose I/O port
PPG36_1
-
PPG ch.36 output pin(1)
4
5
5
D2
P017
-
R
General-purpose I/O port
D31
-
External Bus data bit31 I/O pin
TRG2_0
-
PPG trigger 2 input pin(0)
-
6
6
F4
P171
-
A
General-purpose I/O port
PPG37_1
-
PPG ch.37 output pin(1)
-
-
-
G4
P242
-
A
General-purpose I/O port
TRG16_0
-
PPG trigger 16 input pin(0)
-
-
-
H4
P243
-
A
General-purpose I/O port
TRG17_0
-
PPG trigger 17 input pin(0)
5
7
7
E1
P020
-
F
General-purpose I/O port
ASX
-
External Bus address strobe output pin
SIN3_1
-
Multi-function serial ch.3 serial data input
pin(1)
TRG3_0
-
PPG trigger 3 input pin(0)
TIN0_2
-
Reload timer ch.0 event input pin(2)
RTO5_1
-
Waveform generator ch.5 output pin(1)
6
8
8
E2
P021
-
A
General-purpose I/O port
CS0X
-
External Bus chip select 0 output pin
SOT3_1
-
Multi-function serial ch.3 serial data output
pin(1)
TRG6_1
-
PPG trigger 6 input pin(1)
TRG4_0
-
PPG trigger 4 input pin(0)
7
9
9
F1
P022
-
F
General-purpose I/O port
CS1X
-
External Bus chip select 1 output pin
SCK3_1
-
Multi-function serial ch.3 clock I/O pin(1)
TRG7_1
-
PPG trigger 7 input pin(1)
TRG5_0
-
PPG trigger 5 input pin(0)
8
10
10
F2
P023
-
A
General-purpose I/O port
RDX
-
External Bus read strobe output pin
SCS3_1
-
Serial chip select 3 I/O pin(1)
PPG32_0
-
PPG ch.32 output pin(0)
TIN0_0
-
Reload timer ch.0 event input pin(0)
-
-
-
J3
P244
-
A
General-purpose I/O port
PPG64_0
-
PPG ch.64 output pin(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com