Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 9 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 9 Page - SPANSION

Back Button MB91F528 Datasheet HTML 5Page - SPANSION MB91F528 Datasheet HTML 6Page - SPANSION MB91F528 Datasheet HTML 7Page - SPANSION MB91F528 Datasheet HTML 8Page - SPANSION MB91F528 Datasheet HTML 9Page - SPANSION MB91F528 Datasheet HTML 10Page - SPANSION MB91F528 Datasheet HTML 11Page - SPANSION MB91F528 Datasheet HTML 12Page - SPANSION MB91F528 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 241 page
background image
D a t a S h e e t
6
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
 PRODUCT LINEUP
 Product lineup comparison 144pins
MB91F527R
MB91F528R
System Clock
On-chip PLL Clock multiple method
Minimum instruction
execution time
12.5ns(80MHz) (LQFP-144)
8.0ns(128MHz) (TEQFP-144)
FLASH Capacity
(Program)
1536KB + 64KB
2048KB + 64KB
FLASH Capacity (Data)
64KB
RAM Capacity
192KB + 16KB
(192KB + 128KB) + 16KB
External Bus I/F
(22 address/16 data/4cs)
Yes
DMA Transfer
16 channels
16-bit Base Timer
2 channels
Free-run Timer
16-bit × 3 channels
32-bit × 3 channels
Input capture
16-bit × 4 channels
32-bit × 6 channels
Output Compare
16-bit × 6 channels
32-bit × 6 channels
16-bit Reload Timer
8 channels
PPG
16-bit × 44 channels
*2
Up/down Counter
2 channels
Clock Supervisor
Yes
External interrupt
8 channels × 2 units
A/D
12-bit × 32 channels (1 unit)
12-bit × 16 channels (1 unit)
D/A (8-bit)
2 channels
Multi-Function Serial
12 channels
CAN
128msg × 6 channels
FlexRay
1 channel
Hardware watchdog
Yes
CRC generation
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com