Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 164 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 164 Page - SPANSION

Back Button MB91F528 Datasheet HTML 160Page - SPANSION MB91F528 Datasheet HTML 161Page - SPANSION MB91F528 Datasheet HTML 162Page - SPANSION MB91F528 Datasheet HTML 163Page - SPANSION MB91F528 Datasheet HTML 164Page - SPANSION MB91F528 Datasheet HTML 165Page - SPANSION MB91F528 Datasheet HTML 166Page - SPANSION MB91F528 Datasheet HTML 167Page - SPANSION MB91F528 Datasheet HTML 168Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
161
CONFIDENTIAL
Interrupt factor
Interrupt
number
Interrupt
level
Offset
Default
address for
TBR
RN
*
Decimal
Hexa-
decimal
16-bit free-run timer 0 ("0" detection) / (compare
clear)
39
27
ICR23
360H
000FFF60H
23
Multi-function serial interface
ch.7/ ch.15 (transmission completed)
PPG0/1/10/11/20/21/30/31/40/41/50/51/60/61
40
28
ICR24
35CH
000FFF5CH
24*
3
16-bit free-run timer 1 ("0" detection) / (compare
clear)
PPG2/3/12/13/22/23/32/33/42/43/52/53/62/63
41
29
ICR25
358H
000FFF58H
25*
3
16-bit free-run timer 2 ("0" detection) / (compare
clear)
PPG4/5/14/15/24/25/34/35/44/45/54/55
42
2A
ICR26
354H
000FFF54H
26*
3
PPG6/7/16/17/26/27/36/37/46/47/56/57
43
2B
ICR27
350H
000FFF50H
27*
3
PPG8/9/18/19/28/29/38/39/48/49/58/59
44
2C
ICR28
34CH
000FFF4CH
28*
3
Multi-function serial interface
ch.8/ ch.16 (reception completed)
45
2D
ICR29
348H
000FFF48H
29*
1
Multi-function serial interface
ch.8/ ch.16 (status)
16-bit ICU 0 (fetching) / 16-bit ICU 1 (fetching)
Main timer
46
2E
ICR30
344H
000FFF44H
30
Sub timer
PLL timer
Multi-function serial interface
ch.8/ ch.16 (transmission completed)
16-bit ICU 2 (fetching) /16-bit ICU 3 (fetching)
Clock calibration unit (Sub oscillation)
47
2F
ICR31
340H
000FFF40H
31*
1
*
4
Multi-function serial interface
ch.9/ ch.17 (reception completed)
Multi-function serial interface
ch.9/ ch.17 (status)
A/D converter
0/1/2/3/4/5/6/7/8/9/10/11/12/13/14/15/16
17/18/19/20/21/22/23/24/25/26/27/28/29/30/31
48
30
ICR32
33CH
000FFF3CH
32
Clock calibration unit (CR oscillation)
49
31
ICR33
338H
000FFF38H
33
Multi-function serial interface
ch.9/ ch.17 (transmission completed)
16-bit OCU 0 (match) / 16-bit OCU 1 (match)
32-bit free-run timer 4/6/8/10
50
32
ICR34
334H
000FFF34H
34*
6
16-bit OCU 2 (match) / 16-bit OCU 3 (match)
32-bit free-run timer 3/5/7/9
51
33
ICR35
330H
000FFF30H
35*
6
16-bit OCU 4 (match) / 16-bit OCU 5 (match)
32-bit ICU6 (fetching /measurement)
52
34
ICR36
32CH
000FFF2CH
36*
1
Multi-function serial interface
ch.10/ ch.18 (reception completed)
Multi-function serial interface
ch.10/ ch.18 (status)
32-bit ICU7 (fetching /measurement)
53
35
ICR37
328H
000FFF28H
37
Multi-function serial interface
ch.10/ ch.18 (transmission completed)
32-bit ICU8 (fetching /measurement)
54
36
ICR38
324H
000FFF24H
38*
1
Multi-function serial interface
ch.11/ ch.19 (reception completed)
Multi-function serial interface
ch.11/ ch.19 (status)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com