Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 222 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 222 Page - SPANSION

Back Button MB91F528 Datasheet HTML 218Page - SPANSION MB91F528 Datasheet HTML 219Page - SPANSION MB91F528 Datasheet HTML 220Page - SPANSION MB91F528 Datasheet HTML 221Page - SPANSION MB91F528 Datasheet HTML 222Page - SPANSION MB91F528 Datasheet HTML 223Page - SPANSION MB91F528 Datasheet HTML 224Page - SPANSION MB91F528 Datasheet HTML 225Page - SPANSION MB91F528 Datasheet HTML 226Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
219
CONFIDENTIAL
(2) Definition of A/D Converter Terms
Resolution
: Analog variation that is recognized by an A/D converter.
Linearity error
: Deviation of the actual conversion characteristics from a straight line that
connects the zero transition point ("0000 0000 0000"← →"0000 0000 0001") to
the full-scale transition point ("1111 1111 1110"← →"1111 1111 1111").
Differential linearity
error
: Deviation of the input voltage from the ideal value that is required to change the
output code by LSB.
Linearity error of digital output N =
VNT - {1LSB × (N - 1) + VOT}
[LSB]
1LSB
Differential linearity error of digital output N =
V(N + 1) T - VNT
- 1 LSB
[LSB]
1LSB
1LSB =
VFST - VOT
[V]
4094
VOT
: Voltage at which the digital output changes from
“000
H” to “001 H”.
VFST
: Voltage at which the digital output changes from
“FFE
H” to “FFF H”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com