Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 44Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 45Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 46Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 47Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 48Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 49Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 50Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 51Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
47
µF
10
µF
I2C-bus
positive supply
I2C-bus controller
MHC125
(30)
1
(1)
3
(5)
7
(31)
2
(2)
4
(3)
5
(4)
6
22
(24)
23
(26)
18
(20)
21
(23)
20
(22)
19
(21)
(7)
8
(8)
9
(9)
10
17
(18)
16
(3)
(3)
15
(16)
14
(15)
13
(6, 12, 13,
14, 17, 19,
25, 28,
29, 32)
BA277
BC847C
5 V
5 V
BA277
BA277
5 V
24
(27)
470 nF
390
pF
10 nF
VIF1
VIF2
SIF2
SIF1
OP1
FMPLL
VAGC(2)
AFC
VPLL
VP
AGND
DEEM
AFD
DGND
AUD
(10)
11
SCL
(11)
12
SIOMAD
TOP
SDA
1.5
nF
tuner AGC
fref
BC847
CVBS output
TAGC
n.c.
CVBS
OP2(1)
REF
5.6 k
Ω
10 nF
22 k
Ω
6.8
k
Ω
6.8
k
Ω
10 nF
22 k
Ω
12 k
Ω
100 k
Ω
220
Ω
330
Ω
75
Ω
100
Ω
100
Ω
220 nF
470 nF
10 nF
10 nF
100 pF
intercarrier
output
AF output
TDA9885
TDA9886
51
Ω
1
2
5
4
3
IF
input
SAW
FILTER
K3953
1
2
5
4
3
SAW
FILTER
K9456
220 k
Ω
680 k
Ω
Fig.24 Application circuit.
Pin numbers for TDA9885HN and TDA9886HN in parenthesis.
(1) If pin OP2 outputs VIF-AGC voltage, then pin OP1 can be used for SAW switching.
(2) Not connected for TDA9885.
(3) Optional measures to improve ESD performance within a TV-set application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com