Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 12Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 13Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 14Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 15Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 16Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 17Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 18Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 19Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
2003 Oct 02
16
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
Table 7
Automatic frequency control bits; note 1
Note
1. f0 is the nominal frequency of fVIF.
9.2
Write format
Table 8
I2C-bus write format (slave receives data); note 1
Note
1. The auto-increment of the subaddress stops if the subaddress is 3.
Table 9
Explanation of Table 8
BIT
fVIF
AFC4
AFC3
AFC2
AFC1
0111
≤ (f0 − 187.5 kHz)
0110
f0 − 162.5 kHz
0101
f0 − 137.5 kHz
0100
f0 − 112.5 kHz
0011
f0 − 87.5 kHz
0010
f0 − 62.5 kHz
0001
f0 − 37.5 kHz
0000
f0 − 12.5 kHz
1111
f0 + 12.5 kHz
1110
f0 + 37.5 kHz
1101
f0 + 62.5 kHz
1100
f0 + 87.5 kHz
1011
f0 + 112.5 kHz
1010
f0 + 137.5 kHz
1001
f0 + 162.5 kHz
1000
≥ (f
0 + 187.5 kHz)
S
BYTE 1
A
BYTE 2
A
BYTE 3
A
BYTE n
A
P
A6 to A0
R/W
A7 to A0
bits 7 to 0
bits 7 to 0
slave address
0
subaddress
data 1
data n
SYMBOL
FUNCTION
S
START condition, generated by the master
Slave address
see Table 4
R/W = 0
write command, generated by the master
A
acknowledge bit, generated by the slave
Subaddress (SAD)
see Table 10
Data 1, data n
8-bit data words, transmitted by the master (see Tables 11, 12 and 14)
P
STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com