Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 28Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 29Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 30Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 31Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 32Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 33Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 34Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 35Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
2003 Oct 02
32
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
∆Vjump
DC jump voltage for switching
AF output to mute state or vice
versa
activated by digital
acquisition help or via
I2C-bus mute
−±50
±150
mV
FM operation; notes 21 and 23
INTERCARRIER AF PERFORMANCE; note 24
S/NW
weighted signal-to-noise ratio
PC/SC ratio is 21 to
27 dB at pins VIF1 and
VIF2
black picture
50
56
−
dB
white picture
45
51
−
dB
6 kHz sine wave
(black-to-white
modulation)
40
46
−
dB
sound carrier
subharmonics;
f = 2.75 MHz
±3 kHz
35
40
−
dB
SINGLE REFERENCE QSS AF PERFORMANCE; notes 25 and 26
S/NW(SC1)
weighted signal-to-noise ratio
for SC1
PC/SC1 ratio at
pins VIF1 and VIF2;
27 kHz (54 % FM
deviation);
“CCIR 468”
40
−−
dB
black picture
53
58
−
dB
white picture
50
53
−
dB
6 kHz sine wave
(black-to-white
modulation)
44
48
−
dB
250 kHz square wave
(black-to-white
modulation)
40
45
−
dB
sound carrier
subharmonics;
f = 2.75 MHz
±3 kHz
45
51
−
dB
sound carrier
subharmonics;
f = 2.87 MHz
±3 kHz
46
52
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com